Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRP2B10DR10FTDG Datasheet (PDF) - TE Connectivity Ltd

TLRP2B10DR10FTDG Datasheet PDF - TE Connectivity Ltd
Part # TLRP2B10DR10FTDG
Download  TLRP2B10DR10FTDG Download
File Size   250.5 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SMD Low Ohmic - Current Sense Resistors

TLRP2B10DR10FTDG Datasheet (PDF)

Go To PDF Page Download Datasheet
TLRP2B10DR10FTDG Datasheet PDF - TE Connectivity Ltd

Part # TLRP2B10DR10FTDG
Download  TLRP2B10DR10FTDG Click to download

File Size   250.5 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SMD Low Ohmic - Current Sense Resistors

TLRP2B10DR10FTDG Datasheet (HTML) - TE Connectivity Ltd


TLRP2B10DR10FTDG Product details

TE Connectivity (TE) is pleased to offer these unique AEC-Q200 qualified High Power Metal Strip Resistors for Current Sensing positions. TLRP resistors have a special metal resistive element combined with suitable barrier layers beneath the solder to prolong terminal life. This model is particularly useful for power management along with DC-DC converting and charging applications, as well as adaptors within SWPS applications.

Key Features
Up to 3 Watt at 70°C
12:06, 20:10, and 25:12 Packages Available
Low Inductance <5nH
AEC-Q200 Qualified
Sulfur Resistant - unaffected by sulfur environments




Similar Part No. - TLRP2B10DR10FTDG

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
logo
TE Connectivity Ltd
TLRP3A30DR022FTE TEC-TLRP3A30DR022FTE Datasheet
250Kb / 6P
SMD Low Ohmic – Current Sense Resistors
Rev. B 05/2021
logo
Vishay Siliconix
TLRP440.CU VISHAY-TLRP440.CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
TLRP4400 VISHAY-TLRP4400 Datasheet
105Kb / 10P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRP4400CU VISHAY-TLRP4400CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
More results


Similar Description - TLRP2B10DR10FTDG

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
Ultra low ohmic resistors for current detection
logo
Tyco Electronics
SBL4R051J MACOM-SBL4R051J Datasheet
439Kb / 1P
Low Ohmic - Current Sense Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
CURRENT SENSE - Molded Current Sense Resistors
logo
Rohm
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
Ultra-Low Ohmic Resistors for Current Detection
logo
Tyco Electronics
2-1622825-2 MACOM-2-1622825-2 Datasheet
177Kb / 5P
SMD Low Ohmic - Current Sense Resistors
1625827-5 MACOM-1625827-5 Datasheet
115Kb / 1P
SMD Low Ohmic - Current Sense Resistors
logo
List of Unclassifed Man...
TLR3A20DR005FTDG ETC-TLR3A20DR005FTDG Datasheet
116Kb / 3P
SMD Low Ohmic - Current Sense Resistors
logo
Tyco Electronics
TL2BR068F MACOM-TL2BR068F Datasheet
115Kb / 1P
SMD Low Ohmic - Current Sense Resistors
logo
TE Connectivity Ltd
1773269 TEC-1773269 Datasheet
738Kb / 8P
SMD Low Ohmic ??Current Sense Resistors
1773449-3 TEC-1773449-3 Datasheet
382Kb / 8P
SMD Low Ohmic ??Current Sense Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com