Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRP2B10DR10FTDG Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # TLRP2B10DR10FTDG
Description  SMD Low Ohmic - Current Sense Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLRP2B10DR10FTDG Datasheet(HTML) 6 Page - TE Connectivity Ltd

  TLRP2B10DR10FTDG Datasheet HTML 1Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 2Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 3Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 4Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 5Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMD Low Ohmic
– Current Sense Resistors
1773449-4 Rev. B 05/2021
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Paper Tape Specification
A
(mm)
B
(mm)
W
(mm)
E
(mm)
F
(mm)
P
(mm)
P
(mm)
P
(mm)
ØD
(mm)
T
(mm)
1.90±
0.10
3.50±
0.20
8.0±
0.20
1.75±
0.10
3.50±
0.05
4.00±
0.10
4.00±
0.05
2.00±
0.05
1.50
+0.1,-0
0.85±
0.10
Embossed Plastic Tape Specification
A
(mm)
B
(mm)
W
(mm)
E
(mm)
F
(mm)
P
(mm)
P
(mm)
P
(mm)
ØD
(mm)
T
(mm)
2010
2.80
±0.10
5.5
±0.10
12.0
±0.30
0.75
±0.10
5.5
±0.5
4.00
±0.10
4.00
±0.10
2.00
±0.05
1.5 +0.1
-0
1.20+0
2512
3.50±
0.10
6.70±
0.10
12.0±
0.30
1.75±
0.10
5.5±
0.05
4.00±
0.10
4.00±
0.10
2.00±
0.05
1.50 +0.1
-0
1.20+0
2512
3m
Ω
1.45±
0.2
How To Order
TLRP
2B
10
E
R008
F
TD
Common
Part
Size
*Power
Rating
**TCR
(PPM/°C)
Resistance
Code
Tolerance
Packaging
TLRP
–
Ultra Low
Ohm
Metal
Strip
Resistor
2B
– 1206
2H - 2010
3A
– 2512
1.0 = 10
2.0 = 20
3.0 = 30
C = ±25
D = ±50
W = ±75
E = ±100
R003 - 3m
Ω
R020 -
Ω
R10
– .Ω
Ω
D = ±0.5%
F = ±1%
J = ±5%
TDG =
2000/Reel
(2512
3m
Ω)
TE =
4000/Reel
(2512)
TD =
5000/Reel
(1206)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com