Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRP2B10DR10FTDG Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # TLRP2B10DR10FTDG
Description  SMD Low Ohmic - Current Sense Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLRP2B10DR10FTDG Datasheet(HTML) 3 Page - TE Connectivity Ltd

  TLRP2B10DR10FTDG Datasheet HTML 1Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 2Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 3Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 4Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 5Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Low Ohmic
– Current Sense Resistors
1773449-4 Rev. B 05/2021
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Environmental Characteristics
Item
Requirement
Test Method
Temperature Coefficient of
Resistance (T.C.R.)
As Spec.
IEC60115-1 4.8
JIS-C-5201-1 4.8
+25°C ~125°C, 25°C is the
reference temperature
Short Time Overload
±1.0%
IEC60115-1 4.13
JIS-C-5201-1 4.13
5*rated power for 5 seconds
Insulation Resistance
≥ G
IEC60115-1 4.6
JIS-C-5201-1 4.13
100V DC for 1 minute
Endurance
±1.0%
IEC60115-1 4.25
JIS-C-5201-1 4.25.1
70±2°C, rated power for 1000 hrs
ith . hrs ON a d . hr OFF
MIL-STD-202 Method 108
Condition D Steady State TA=125°C
at derated power.
Measurement at 24±4 hours after
test conclusion.
Biased Humidity
±1.0%
MIL-STD-202 Method 103
1000 hrs 85°C/85%RH 10% of
operating power
Dry Heat
±1.0%
IEC60115-1 4.23.2
JIS-C-5201-1 4.23.2
MIL-STD-202 Method 108
at +170°C for 1000 hrs
Resistance to Solvents
No visible damage on
appearance and
marking.
MIL-STD-202 Method 215
Note: Add Aqueous wash chemical
- OKEM Clean or equivalent.
Do not use banned solvents.
Mechanical Shock
±1.0%
MIL-STD-202 Method 213
Wave Form: Tolerance for half sine
shock pulse.
Peak alue is
g’s. Noral
duration(D) is 6.
Vibration
±1.0%
MIL-STD-202 Method 204
5g's for 20 min., 12 cycles each of
3 orientations.
Note: Use 8"X5" PCB .031" thick 7
secure points on one long side and
2 secure points at corners of
opposite sides. Parts mounted
within 2" from any secure point.
Test from 10-2000 Hz.
ESD
±1.0%
AEC-Q200-002
Human body model, 2KV. (DC =
Direct Contact Discharge)
Flammability
V-0
UL-94
50W (20 mm) Vertical Burning
Test. Electrical test not required.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com