Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRP2B10DR10FTDG Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # TLRP2B10DR10FTDG
Description  SMD Low Ohmic - Current Sense Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLRP2B10DR10FTDG Datasheet(HTML) 1 Page - TE Connectivity Ltd

  TLRP2B10DR10FTDG Datasheet HTML 1Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 2Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 3Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 4Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 5Page - TE Connectivity Ltd TLRP2B10DR10FTDG Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMD Low Ohmic
– Current Sense Resistors
1773449-4 Rev. B 05/2021
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Key Features
Up to 3 Watt
at 70°C
12:06, 20:10,
and 25:12
Packages
Available
Low
Inductance
<5nH
AEC-Q200
Qualified
Sulfur
Resistant -
unaffected by
sulfur
environments
Type TLRP Series
TE Connectivity (TE) is pleased to offer these unique AEC-Q200 qualified High
Power Metal Strip Resistors for Current Sensing positions. TLRP resistors have a
special metal resistive element combined with suitable barrier layers beneath
the solder to prolong terminal life. This model is particularly useful for power
management along with DC-DC converting and charging applications, as well as
adaptors within SWPS applications.
Characteristics
– Electrical
Size
Power Rating
@ 70°C
Resistance Range (m
Ω)
TCR
(PPM/°C)
±0.5%
±1%
±5%
1206
1W
8, 10, 12, 15, 20, 25, 30, 33, 40
±50
3, 4, 5, 7, 8, 10, 12, 15, 20, 25, 30,
33, 40
±75
±100
2010
1W
10, 15, 20, 30, 50, 68, 75, 100
±75
2W
10, 15, 20, 30, 50
2512
2W & 3W
3, 4, 5, 6, 7, 18, 20, 22, 25, 30, 33, 35,
39, 40, 47, 50, 60, 68, 70, 75, 80, 82,
90, 91, 100, 120, 150, 180, 200
±25
3, 4, 5, 6, 7, 8, 9, 10, 12, 15, 18, 20,
22, 25, 30, 33, 35, 39, 40, 47, 50, 60,
68, 70, 75, 80, 82, 90, 91, 100, 120,
150, 180, 200
±50
±75
Operating Temperature Range: -55 ~ 170°C
Operating Current =
√(P/R), Operating Voltage = √(P*R)
Derating


Similar Part No. - TLRP2B10DR10FTDG

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
logo
TE Connectivity Ltd
TLRP3A30DR022FTE TEC-TLRP3A30DR022FTE Datasheet
250Kb / 6P
SMD Low Ohmic – Current Sense Resistors
Rev. B 05/2021
logo
Vishay Siliconix
TLRP440.CU VISHAY-TLRP440.CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
TLRP4400 VISHAY-TLRP4400 Datasheet
105Kb / 10P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRP4400CU VISHAY-TLRP4400CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
More results

Similar Description - TLRP2B10DR10FTDG

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
Ultra low ohmic resistors for current detection
logo
Tyco Electronics
SBL4R051J MACOM-SBL4R051J Datasheet
439Kb / 1P
Low Ohmic - Current Sense Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
CURRENT SENSE - Molded Current Sense Resistors
logo
Rohm
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
Ultra-Low Ohmic Resistors for Current Detection
logo
Tyco Electronics
2-1622825-2 MACOM-2-1622825-2 Datasheet
177Kb / 5P
SMD Low Ohmic - Current Sense Resistors
1625827-5 MACOM-1625827-5 Datasheet
115Kb / 1P
SMD Low Ohmic - Current Sense Resistors
logo
List of Unclassifed Man...
TLR3A20DR005FTDG ETC-TLR3A20DR005FTDG Datasheet
116Kb / 3P
SMD Low Ohmic - Current Sense Resistors
logo
Tyco Electronics
TL2BR068F MACOM-TL2BR068F Datasheet
115Kb / 1P
SMD Low Ohmic - Current Sense Resistors
logo
TE Connectivity Ltd
1773269 TEC-1773269 Datasheet
738Kb / 8P
SMD Low Ohmic ??Current Sense Resistors
1773449-3 TEC-1773449-3 Datasheet
382Kb / 8P
SMD Low Ohmic ??Current Sense Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com