Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53272E Datasheet (PDF) - Micropac Industries

53272E Datasheet PDF - Micropac Industries
Part # 53272E
Download  53272E Download
File Size   208.82 Kbytes
Page   9 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POWER MOSFET OPTOCOUPLER 90V - 2.0A

53272E Datasheet (PDF)

Go To PDF Page Download Datasheet
53272E Datasheet PDF - Micropac Industries

Part # 53272E
Download  53272E Click to download

File Size   208.82 Kbytes
Page   9 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POWER MOSFET OPTOCOUPLER 90V - 2.0A

53272E Datasheet (HTML) - Micropac Industries




Similar Part No. - 53272E

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
532720 FESTO-532720 Datasheet
89Kb / 2P
Vacuum generator
logo
Micropac Industries
53272 MICROPAC-53272_12 Datasheet
106Kb / 9P
POWER MOSFET OPTOCOUPLER
More results


Similar Description - 53272E

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53111 MICROPAC-53111 Datasheet
198Kb / 11P
POWER MOSFET OPTOCOUPLER
53124 MICROPAC-53124 Datasheet
239Kb / 13P
RADIATION TOLERANT, 짹 90V - 0.8A POWER MOSFET OPTOCOUPLER
53253 MICROPAC-53253 Datasheet
121Kb / 5P
RADIATION TOLERANT, 90V - 0.8A DUAL POWER MOSFET OPTOCOUPLERS
logo
Rohm
RSR020P05TL ROHM-RSR020P05TL Datasheet
608Kb / 12P
Pch -45V -2.0A Power MOSFET
RSR020P05FRA ROHM-RSR020P05FRA Datasheet
1Mb / 14P
Pch -45V -2.0A Power MOSFET
logo
Micropac Industries
53272 MICROPAC-53272_12 Datasheet
106Kb / 9P
POWER MOSFET OPTOCOUPLER
53124 MICROPAC-53124_13 Datasheet
124Kb / 14P
POWER MOSFET OPTOCOUPLER
53111 MICROPAC-53111_13 Datasheet
108Kb / 11P
POWER MOSFET OPTOCOUPLER
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Rohm
RQ5H020SP ROHM-RQ5H020SP Datasheet
818Kb / 13P
Pch -45V -2.0A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com