Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701 Datasheet (PDF) - Texas Instruments

BUF04701 Datasheet PDF - Texas Instruments
Part # BUF04701
Download  BUF04701 Download
File Size   567.08 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER

BUF04701 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF04701 Datasheet PDF - Texas Instruments

Part # BUF04701
Download  BUF04701 Click to download

File Size   567.08 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER

BUF04701 Datasheet (HTML) - Texas Instruments


BUF04701 Product details

FEATURES
UNITY GAIN BUFFER
RAIL-TO-RAIL INPUT/OUTPUT
WIDE BANDWIDTH: 8MHz
HIGH SLEW RATE: 10V/μs
LOW QUIESCENT CURRENT: 1.1mA
TINY PACKAGE: MSOP-10, TSSOP-14

APPLICATIONS
TFT-LCD REFERENCE DRIVERS
NOTEBOOKS
ELECTRONIC GAMES
ELECTRONIC BOOKS
PERSONAL COMMUNICATION DEVICES
PDA
ACTIVE FILTERS
ADC/DAC BUFFER

DESCRIPTION
The BUF04701 is a 4-channel, low-power, high-voltage railto-
rail input/output buffer. Operating on supplies ranging from
3.5V to 12V (±1.75V to ±6V), the BUF04701 has a 3dB
bandwidth of 8MHz with a slew rate of 10V/μs, and requires
only 1.1mA quiescent current. The BUF04701 features railto-
rail input and output capability, giving maximum dynamic
range at any supply voltage.
Featuring fast slewing and settling times, as well as a high
output drive, the BUF04701 is ideal for use as a voltage
reference buffer in Thin Film Transistor Liquid Crystal Displays
(TFT-LCDs).
The BUF04701 is available in an MSOP-10 package, providing
the smallest footprint and thinnest package option available,
as well as the TSSOP-14 package with a pinout that
corresponds to standard quad op amps. This makes it easy to
replace quad op amps in existing LCD displays with the low
cost BUF04701, without changing the layout. The BUF04701
operates over a temperature range of –40°C to +125°C.




Similar Part No. - BUF04701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF04701 TI-BUF04701 Datasheet
279Kb / 13P
4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
BUF04701 TI1-BUF04701 Datasheet
1Mb / 32P
Multi-Channel LCD Gamma Correction Buffer
BUF04701 TI2-BUF04701 Datasheet
820Kb / 30P
Multi-Channel LCD Gamma Correction Buffer
REVISED APRIL 2010
BUF04701 TI2-BUF04701 Datasheet
820Kb / 30P
Multi-Channel LCD Gamma Correction Buffer
REVISED APRIL 2010
BUF04701AIDGS TI-BUF04701AIDGS Datasheet
279Kb / 13P
4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
More results


Similar Description - BUF04701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
BUF04701 TI-BUF04701 Datasheet
279Kb / 13P
4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
logo
Analog Devices
AD8560 AD-AD8560 Datasheet
208Kb / 12P
16 V Rail-to-Rail Buffer Amplifier
REV.0
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8560 AD-AD8560_15 Datasheet
221Kb / 12P
16 V Rail-to-Rail Buffer Amplifier
REV. 0
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
CMOS Rail-to-Rail Operational Amplifier
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com