Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701 Datasheet(PDF) 1 Page - Texas Instruments

Part # BUF04701
Description  4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 1 Page - Texas Instruments

  BUF04701 Datasheet HTML 1Page - Texas Instruments BUF04701 Datasheet HTML 2Page - Texas Instruments BUF04701 Datasheet HTML 3Page - Texas Instruments BUF04701 Datasheet HTML 4Page - Texas Instruments BUF04701 Datasheet HTML 5Page - Texas Instruments BUF04701 Datasheet HTML 6Page - Texas Instruments BUF04701 Datasheet HTML 7Page - Texas Instruments BUF04701 Datasheet HTML 8Page - Texas Instruments BUF04701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
BUF04701
SBOS214B – SEPTEMBER 2001 – REVISED JULY 2004
DESCRIPTION
The BUF04701 is a 4-channel, low-power, high-voltage rail-
to-rail input/output buffer. Operating on supplies ranging from
3.5V to 12V (
±1.75V to ±6V), the BUF04701 has a 3dB
bandwidth of 8MHz with a slew rate of 10V/
µs, and requires
only 1.1mA quiescent current. The BUF04701 features rail-
to-rail input and output capability, giving maximum dynamic
range at any supply voltage.
Featuring fast slewing and settling times, as well as a high
output drive, the BUF04701 is ideal for use as a voltage
reference buffer in Thin Film Transistor Liquid Crystal Dis-
plays (TFT-LCDs).
The BUF04701 is available in an MSOP-10 package, provid-
ing the smallest footprint and thinnest package option avail-
able, as well as the TSSOP-14 package with a pinout that
corresponds to standard quad op amps. This makes it easy to
replace quad op amps in existing LCD displays with the low
cost BUF04701, without changing the layout. The BUF04701
operates over a temperature range of –40
°C to +125°C.
FEATURES
q UNITY GAIN BUFFER
q RAIL-TO-RAIL INPUT/OUTPUT
q WIDE BANDWIDTH: 8MHz
q HIGH SLEW RATE: 10V/
µs
q LOW QUIESCENT CURRENT: 1.1mA
q TINY PACKAGE: MSOP-10, TSSOP-14
4-Channel, Rail-to-Rail, CMOS
BUFFER AMPLIFIER
APPLICATIONS
q TFT-LCD REFERENCE DRIVERS
q NOTEBOOKS
q ELECTRONIC GAMES
q ELECTRONIC BOOKS
q PERSONAL COMMUNICATION DEVICES
q PDA
q ACTIVE FILTERS
q ADC/DAC BUFFER
1
2
3
4
5
10
9
8
7
6
Out D
In D
–V
In C
Out C
Out A
In A
+V
In B
Out B
MSOP-10 (DGS)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
NC(1)
In D
–V
In C
NC(1)
Out C
Out A
NC(1)
In A
+V
In B
NC(1)
Out B
TSSOP-14 (PW)
AC
BD
BUF04701 RELATED PRODUCTS
FEATURES
PRODUCT
1.2 MHz BW, 3.3mA IQ
BUF11702
7MHz GBW, 1.5mA IQ, VS 3.5 - 12
OPA4743
5.9MHz GBW, 4.5mA IQ, VS = 4V - 44V
TLE2144/2
10MHz GBW, 2.5mA IQ, 16V/µs SR
TLC084
NOTE: (1) NC Means No Internal Connection
®
0470
1A


Similar Part No. - BUF04701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF04701 TI-BUF04701 Datasheet
279Kb / 13P
4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
BUF04701 TI1-BUF04701 Datasheet
1Mb / 32P
Multi-Channel LCD Gamma Correction Buffer
BUF04701 TI2-BUF04701 Datasheet
820Kb / 30P
Multi-Channel LCD Gamma Correction Buffer
REVISED APRIL 2010
BUF04701 TI2-BUF04701 Datasheet
820Kb / 30P
Multi-Channel LCD Gamma Correction Buffer
REVISED APRIL 2010
BUF04701AIDGS TI-BUF04701AIDGS Datasheet
279Kb / 13P
4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
More results

Similar Description - BUF04701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
BUF04701 TI-BUF04701 Datasheet
279Kb / 13P
4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
logo
Analog Devices
AD8560 AD-AD8560 Datasheet
208Kb / 12P
16 V Rail-to-Rail Buffer Amplifier
REV.0
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8560 AD-AD8560_15 Datasheet
221Kb / 12P
16 V Rail-to-Rail Buffer Amplifier
REV. 0
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
CMOS Rail-to-Rail Operational Amplifier
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com