Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701 Datasheet(PDF) 5 Page - Texas Instruments

Part # BUF04701
Description  4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 5 Page - Texas Instruments

  BUF04701 Datasheet HTML 1Page - Texas Instruments BUF04701 Datasheet HTML 2Page - Texas Instruments BUF04701 Datasheet HTML 3Page - Texas Instruments BUF04701 Datasheet HTML 4Page - Texas Instruments BUF04701 Datasheet HTML 5Page - Texas Instruments BUF04701 Datasheet HTML 6Page - Texas Instruments BUF04701 Datasheet HTML 7Page - Texas Instruments BUF04701 Datasheet HTML 8Page - Texas Instruments BUF04701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BUF04701
5
SBOS214B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±6V, and RL = 10kΩ, unless otherwise noted.
15
10
5
0
–5
–10
–15
–6
–5
–4
–3
–2
–10
1
2
3
4
5
6
INPUT BIAS CURRENT (I
B) vs COMMON-MODE
VOLTAGE (V
CM) TEMPERATURE = 25ºC
V
CM (V)
V
S = ±5V
INPUT BIAS CURRENT (I
B) vs COMMON-MODE
VOLTAGE (V
CM) TEMPERATURE = 85°C
500
400
300
200
100
0
–100
–200
–300
–400
–500
–6
–5
–4
–3
–2
–1
0
1
234
5
6
V
CM (V)
V
S = ±5V
I
B
100k
10k
1k
100
10
1.0
0.1
0.01
–50
–25
0
25
50
75
100
125
150
175
Temperature (
°C)
INPUT BIAS (I
B) AND CURRENT
vs TEMPERATURE
120
110
100
90
80
70
60
–100 –75 –50 –25
0
25
50
75
100 125 150 175
PSRR vs TEMPERATURE
Temperature (
°C)
2.0
1.5
1.0
0.5
0.0
QUIESCENT CURRENT vs TEMPERATURE
–100 –75 –50 –25
0
25
50
75
100 125 150 175
Temperature (
°C)
1.005
1.000
0.995
–100
–50
0
50
100
150
??
GAIN vs TEMPERATURE
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com