Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701 Datasheet(PDF) 12 Page - Texas Instruments

Part # BUF04701
Description  4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BUF04701 Datasheet HTML 6Page - Texas Instruments BUF04701 Datasheet HTML 7Page - Texas Instruments BUF04701 Datasheet HTML 8Page - Texas Instruments BUF04701 Datasheet HTML 9Page - Texas Instruments BUF04701 Datasheet HTML 10Page - Texas Instruments BUF04701 Datasheet HTML 11Page - Texas Instruments BUF04701 Datasheet HTML 12Page - Texas Instruments BUF04701 Datasheet HTML 13Page - Texas Instruments BUF04701 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(4.4)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
10X (1.45)
10X (0.3)
8X (0.5)
(R
)
TYP
0.05
4221984/A 05/2015
VSSOP - 1.1 mm max height
DGS0010A
SMALL OUTLINE PACKAGE
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:10X
1
5
6
10
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com