Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87381P Datasheet (PDF) - Texas Instruments

CSD87381P Datasheet PDF - Texas Instruments
Part # CSD87381P
Download  CSD87381P Download
File Size   595.91 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD87381P Synchronous Buck NexFET™ Power Block II

CSD87381P Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD87381P Datasheet PDF - Texas Instruments

Part # CSD87381P
Download  CSD87381P Click to download

File Size   595.91 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD87381P Synchronous Buck NexFET™ Power Block II

CSD87381P Datasheet (HTML) - Texas Instruments


CSD87381P Product details

1 Features
1• Half-Bridge Power Block
• 90% System Efficiency at 10 A
• Up to 15 A Operation
• High Density – 3 × 2.5 mm LGA Footprint
• Double Side Cooling Capability
• Ultra-Low Profile – 0.48 mm Max
• Optimized for 5 V Gate Drive
• Low Switching Losses
• Low Inductance Package
• RoHS Compliant
• Halogen Free
• Pb Free

2 Applications
• Synchronous Buck Converters
– High Current, Low Duty Cycle Applications
• Multiphase Synchronous Buck Converters
• POL DC-DC Converters

3 Description
The CSD87381P NexFET™ power block II is a highly
optimized design for synchronous buck applications offering high current and high efficiency capability in a
small 3 mm × 2.5 mm outline. Optimized for 5 V gate
drive applications, this product offers an efficient and
flexible solution capable of providing a high density power supply when paired with any 5 V gate driver
from an external controller/driver.




Similar Part No. - CSD87381P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87381P TI-CSD87381P Datasheet
987Kb / 20P
Synchronous Buck NexFET Power Block II
CSD87381P TI-CSD87381P Datasheet
998Kb / 25P
CSD87381P Synchronous Buck NexFET??Power Block II
CSD87381P TI2-CSD87381P Datasheet
599Kb / 25P
CSD87381P Synchronous Buck NexFET™ Power Block II
REVISED MARCH 2015
CSD87381P.B TI2-CSD87381P.B Datasheet
599Kb / 25P
CSD87381P Synchronous Buck NexFET™ Power Block II
REVISED MARCH 2015
CSD87381PG4 TI2-CSD87381PG4 Datasheet
599Kb / 25P
CSD87381P Synchronous Buck NexFET™ Power Block II
REVISED MARCH 2015
More results


Similar Description - CSD87381P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87381P TI-CSD87381P Datasheet
987Kb / 20P
Synchronous Buck NexFET Power Block II
CSD87588N TI-CSD87588N Datasheet
1Mb / 20P
Synchronous Buck NexFET Power Block II
CSD87384M TI1-CSD87384M Datasheet
994Kb / 20P
Synchronous Buck NexFET Power Block II
CSD87384M TI1-CSD87384M Datasheet
1,000Kb / 21P
CSD87384M Synchronous Buck NexFET Power Block II
CSD87381P TI-CSD87381P_15 Datasheet
998Kb / 25P
CSD87381P Synchronous Buck NexFET??Power Block II
CSD87384M TI-CSD87384M_15 Datasheet
972Kb / 23P
CSD87384M Synchronous Buck NexFET??Power Block II
CSD87588N TI-CSD87588N_15 Datasheet
1Mb / 23P
CSD87588N Synchronous Buck NexFET Power Block II
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com