Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87381P Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD87381P
Description  CSD87381P Synchronous Buck NexFET™ Power Block II
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87381P Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD87381P Datasheet HTML 4Page - Texas Instruments CSD87381P Datasheet HTML 5Page - Texas Instruments CSD87381P Datasheet HTML 6Page - Texas Instruments CSD87381P Datasheet HTML 7Page - Texas Instruments CSD87381P Datasheet HTML 8Page - Texas Instruments CSD87381P Datasheet HTML 9Page - Texas Instruments CSD87381P Datasheet HTML 10Page - Texas Instruments CSD87381P Datasheet HTML 11Page - Texas Instruments CSD87381P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0
4
8
12
16
20
24
28
32
36
40
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage (V)
TC = 25°C
TC = 125ºC
ID = 8A
G001
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage (V)
TC = 25°C
TC = 125ºC
ID = 8A
G001
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250µA
G001
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250µA
G001
1
10
100
1000
10000
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
1
10
100
1000
10000
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
CSD87381P
SLPS405F – MARCH 2013 – REVISED MARCH 2015
www.ti.com
Typical Power Block MOSFET Characteristics (continued)
TA = 25°C, unless stated otherwise.
Figure 15. Control MOSFET Capacitance
Figure 16. Sync MOSFET Capacitance
Figure 17. Control MOSFET VGS(th)
Figure 18. Sync MOSFET VGS(th)
Figure 19. Control MOSFET RDS(on) vs VGS
Figure 20. Sync MOSFET RDS(on) vs VGS
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com