Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87381P Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD87381P
Description  CSD87381P Synchronous Buck NexFET™ Power Block II
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87381P Datasheet(HTML) 1 Page - Texas Instruments

  CSD87381P Datasheet HTML 1Page - Texas Instruments CSD87381P Datasheet HTML 2Page - Texas Instruments CSD87381P Datasheet HTML 3Page - Texas Instruments CSD87381P Datasheet HTML 4Page - Texas Instruments CSD87381P Datasheet HTML 5Page - Texas Instruments CSD87381P Datasheet HTML 6Page - Texas Instruments CSD87381P Datasheet HTML 7Page - Texas Instruments CSD87381P Datasheet HTML 8Page - Texas Instruments CSD87381P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
0
3
6
9
12
15
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
Output Current (A)
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 0.95µH
fSW = 500kHz
TA = 25ºC
G001
VDD
GND
ENABLE
PWM
BOOT
DRVH
LL
DRVL
V
DD
ENABLE
PWM
V
IN
V
IN
V
SW
P
GND
V
OUT
Driver IC
CSD87381P
TG
BG
1
V
IN
P
GND
BG
TG
V
SW
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD87381P
SLPS405F – MARCH 2013 – REVISED MARCH 2015
CSD87381P Synchronous Buck NexFET™ Power Block II
1 Features
3 Description
The CSD87381P NexFET™ power block II is a highly
1
•
Half-Bridge Power Block
optimized design for synchronous buck applications
•
90% System Efficiency at 10 A
offering high current and high efficiency capability in a
•
Up to 15 A Operation
small 3 mm × 2.5 mm outline. Optimized for 5 V gate
drive applications, this product offers an efficient and
•
High Density – 3 × 2.5 mm LGA Footprint
flexible solution capable of providing a high density
•
Double Side Cooling Capability
power supply when paired with any 5 V gate driver
•
Ultra-Low Profile – 0.48 mm Max
from an external controller/driver.
•
Optimized for 5 V Gate Drive
TEXT ADDED FOR SPACING
•
Low Switching Losses
Device Information(1)
•
Low Inductance Package
Device
Media
Qty
Package
Ship
•
RoHS Compliant
CSD87381P
13-Inch Reel
2500
Tape and
3 × 2.5 LGA
Reel
•
Halogen Free
CSD87381PT
7-Inch Reel
250
•
Pb Free
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
TEXT ADDED FOR SPACING
•
Synchronous Buck Converters
–
High Current, Low Duty Cycle Applications
•
Multiphase Synchronous Buck Converters
•
POL DC-DC Converters
Typical Circuit
Typical Power Block Efficiency and Power Loss
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD87381P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87381P TI-CSD87381P Datasheet
987Kb / 20P
Synchronous Buck NexFET Power Block II
CSD87381P TI-CSD87381P Datasheet
998Kb / 25P
CSD87381P Synchronous Buck NexFET??Power Block II
CSD87381P TI2-CSD87381P Datasheet
599Kb / 25P
CSD87381P Synchronous Buck NexFET™ Power Block II
REVISED MARCH 2015
CSD87381P.B TI2-CSD87381P.B Datasheet
599Kb / 25P
CSD87381P Synchronous Buck NexFET™ Power Block II
REVISED MARCH 2015
CSD87381PG4 TI2-CSD87381PG4 Datasheet
599Kb / 25P
CSD87381P Synchronous Buck NexFET™ Power Block II
REVISED MARCH 2015
More results

Similar Description - CSD87381P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87381P TI-CSD87381P Datasheet
987Kb / 20P
Synchronous Buck NexFET Power Block II
CSD87588N TI-CSD87588N Datasheet
1Mb / 20P
Synchronous Buck NexFET Power Block II
CSD87384M TI1-CSD87384M Datasheet
994Kb / 20P
Synchronous Buck NexFET Power Block II
CSD87384M TI1-CSD87384M Datasheet
1,000Kb / 21P
CSD87384M Synchronous Buck NexFET Power Block II
CSD87381P TI-CSD87381P_15 Datasheet
998Kb / 25P
CSD87381P Synchronous Buck NexFET??Power Block II
CSD87384M TI-CSD87384M_15 Datasheet
972Kb / 23P
CSD87384M Synchronous Buck NexFET??Power Block II
CSD87588N TI-CSD87588N_15 Datasheet
1Mb / 23P
CSD87588N Synchronous Buck NexFET Power Block II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com