Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87381P Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD87381P
Description  CSD87381P Synchronous Buck NexFET™ Power Block II
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87381P Datasheet(HTML) 5 Page - Texas Instruments

  CSD87381P Datasheet HTML 1Page - Texas Instruments CSD87381P Datasheet HTML 2Page - Texas Instruments CSD87381P Datasheet HTML 3Page - Texas Instruments CSD87381P Datasheet HTML 4Page - Texas Instruments CSD87381P Datasheet HTML 5Page - Texas Instruments CSD87381P Datasheet HTML 6Page - Texas Instruments CSD87381P Datasheet HTML 7Page - Texas Instruments CSD87381P Datasheet HTML 8Page - Texas Instruments CSD87381P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
Ambient Temperature (ºC)
400LFM
200LFM
100LFM
Nat Conv
G001
0
5
10
15
20
0
20
40
60
80
100
120
140
Board Temperature (ºC)
VIN = 12V
VGS = 5V
VOUT = 1.3V
fSW = 500kHz
LOUT = 0.95µH
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Output Current (A)
VIN = 12V
VGS = 5V
VOUT = 1.3V
fSW = 500kHz
LOUT = 0.95µH
G001
0.5
0.6
0.7
0.8
0.9
1
1.1
−50
−25
0
25
50
75
100
125
150
Junction Temperature (ºC)
VIN = 12V
VGS = 5V
VOUT = 1.3V
fSW = 500kHz
LOUT = 0.95µH
G001
CSD87381P
www.ti.com
SLPS405F – MARCH 2013 – REVISED MARCH 2015
Max RθJA = 84°C/W
Max RθJA = 184°C/W
when mounted on
when mounted on
1 inch2 (6.45 cm2) of
minimum pad area of 2
2 oz. (0.071 mm thick)
oz. (0.071 mm thick)
Cu.
Cu.
5.6 Typical Power Block Characteristics
TJ = 125°C, unless stated otherwise. For Figure 3 and Figure 4, the Typical Power Block System Characteristic curves are
based on measurements made on a PCB design with dimensions of 4 inches (W) × 3.5 inches (L) × 0.062 inch (H) and 6
copper layers of 1 oz. copper thickness. See Application and Implementation for detailed explanation.
Figure 1. Power Loss vs Output Current
Figure 2. Normalized Power Loss vs Temperature
Figure 3. Safe Operating Area – PCB Horizontal Mount
Figure 4. Typical Safe Operating Area
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com