Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2132 Datasheet (PDF) - Texas Instruments

INA2132 Datasheet PDF - Texas Instruments
Part # INA2132
Download  INA2132 Download
File Size   502.45 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER

INA2132 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA2132 Datasheet PDF - Texas Instruments

Part # INA2132
Download  INA2132 Click to download

File Size   502.45 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER

INA2132 Datasheet (HTML) - Texas Instruments


INA2132 Product details

FEATURES
DESIGNED FOR LOW COST
LOW QUIESCENT CURRENT:
160mA per Amplifier
WIDE POWER SUPPLY RANGE:
Single Supply: 2.7V to 36V
Dual Supplies: ±1.35V to ±18V
LOW GAIN ERROR: ±0.05% max
LOW NONLINEARITY: 0.001% max
HIGH CMRR: 90dB
HIGHLY VERSATILE CIRCUIT
EASY TO USE
SO-14 PACKAGE

APPLICATIONS
DIFFERENTIAL INPUT AMPLIFIER
INSTRUMENTATION AMPLIFIER
BUILDING BLOCK
UNITY-GAIN INVERTING AMPLIFIER
G = 1/2 AMPLIFIER
G = 2 AMPLIFIER
SUMMING AMPLIFIER
DIFFERENTIAL CURRENT RECEIVER
VOLTAGE-CONTROLLED CURRENT SOURCE
BATTERY-POWERED SYSTEMS
GROUND LOOP ELIMINATOR

DESCRIPTION
The INA2132 is a dual low power, unity-gain difference
amplifier offering excellent value at very low
cost. Each channel consists of a precision op amp with
a laser-trimmed precision resistor network, providing
accurate gain and high common-mode rejection. Excellent
TCR tracking of the resistors maintains gain
accuracy and common-mode rejection over temperature.
The internal op amp’s common-mode range
extends to the negative supply—ideal for single-supply
applications.
The difference amplifier is the foundation of many
commonly used circuits. The INA2132 provides this
circuit function without using an expensive precision
resistor network. The INA2132 is available in the
SO-14 surface-mount package and is specified for
operation over the extended industrial temperature
range, –40°C to +85°C.
A single version of this product with similar specifications
is also available. See the INA132 data sheet
for details.




Similar Part No. - INA2132

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA2132U BURR-BROWN-INA2132U Datasheet
228Kb / 10P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA2132U TI1-INA2132U Datasheet
839Kb / 17P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132U/2K5 TI1-INA2132U/2K5 Datasheet
839Kb / 17P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results


Similar Description - INA2132

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132 TI1-INA132 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com