Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2132 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA2132
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2132 Datasheet(HTML) 3 Page - Texas Instruments

  INA2132 Datasheet HTML 1Page - Texas Instruments INA2132 Datasheet HTML 2Page - Texas Instruments INA2132 Datasheet HTML 3Page - Texas Instruments INA2132 Datasheet HTML 4Page - Texas Instruments INA2132 Datasheet HTML 5Page - Texas Instruments INA2132 Datasheet HTML 6Page - Texas Instruments INA2132 Datasheet HTML 7Page - Texas Instruments INA2132 Datasheet HTML 8Page - Texas Instruments INA2132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
®
INA2132
SPECIFICATIONS: VS = +5V Single Supply
At TA = +25°C, RL = 10kΩ connected to VS/2, and reference pin connected to VS/2, unless otherwise noted.
INA2132U
INA2132UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE(1)
RTO
Initial
VOS
±150
±500
T
±750
µV
vs Temperature
dVOS/dT
±2
T
µV/°C
INPUT VOLTAGE RANGE
Common-Mode Voltage Range(2)
–2.5
+5.5
TT
V
Common-Mode Rejection
CMRR
VCM = –2.5V to +5.5V, RS = 0Ω
80
90
74
T
dB
OUTPUT
Voltage, Positive
RL = 100kΩ to Ground
(V+) –1
(V+) –0.75
TT
V
Negative
RL = 100kΩ to Ground
+0.25
+0.06
TT
V
Positive
RL = 10kΩ to Ground
(V+) –1
(V+) –0.8
TT
V
Negative
RL = 10kΩ to Ground
+0.25
+0.12
TT
V
POWER SUPPLY
Rated Voltage
VS
+5
T
V
Voltage Range
+2.7
+36
TT
V
Quiescent Current
IQ
IO = 0mA
±155
±185
TT
µA
T Specifications the same as INA2132U.
NOTE: (1) Includes effects of amplifier’s input bias and offset currents. (2) 2 (V–) –VREF < VCM < 2 ((V+) –1) –VREF. For more detail, see Applications Information
section.
PIN CONFIGURATION
Top View
SO-14
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage Range ..........................................................................
±80V
Output Short-Circuit (to ground) .............................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
NC
–In A
+In A
V–
+In B
–In B
NC
Ref A
Out A
Sense A
V+
Sense B
Out B
Ref B
NC = No Connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
INA2132U
SO-14 Surface-Mount
235
–40
°C to +85°C
INA2132U
INA2132U
Rails
"
"
"
"
"
INA2132U/2K5
Tape and Reel
INA2132UA
SO-14 Surface-Mount
235
–40
°C to +85°C
INA2132UA
INA2132UA
Rails
"
"
"
"
"
INA2132UA/2K5
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “INA2132U/2K5” will get a single
2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com