Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2132 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA2132
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2132 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA2132 Datasheet HTML 4Page - Texas Instruments INA2132 Datasheet HTML 5Page - Texas Instruments INA2132 Datasheet HTML 6Page - Texas Instruments INA2132 Datasheet HTML 7Page - Texas Instruments INA2132 Datasheet HTML 8Page - Texas Instruments INA2132 Datasheet HTML 9Page - Texas Instruments INA2132 Datasheet HTML 10Page - Texas Instruments INA2132 Datasheet HTML 11Page - Texas Instruments INA2132 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
®
INA2132
12 (10)
13 (9)
14 (8)
INA2132
ADS7806(1)
2 (6)
3 (5)
4
11
+5V
–In
12 Bits
Out
0V-4V
Input
+In
τ
S = 45µs (4V Step to 0.01%)
NOTE: (1) For 16-bit output, use ADS7809.
FIGURE 4. Differential Input Voltage-to-Current Converter
for Low IOUT.
FIGURE 5. Differential Input Data Acquisition.
FIGURE 3. Low Power, High Output Current Precision
Difference Amplifier.
CAPACITIVE LOAD DRIVE CAPABILITY
The INA2132 can drive large capacitive loads, even at low
supplies. It is stable with a 10nF load. Refer to the “Small-
Signal Step Response” and “Settling Time vs Load Capaci-
tance” typical performance curves.
CHANNEL CROSSTALK
The two channels of the INA2132 are completely indepen-
dent, including all bias circuitry. At dc and low frequency,
there is virtually no signal coupling between channels.
Crosstalk increases with frequency and is dependent on
source impedance and signal characteristics. See the typical
performance curve “Channel Separation vs Frequency” for
more information.
Most crosstalk is produced by capacitive coupling of signals
from one channel to the input section of the other channel.
To minimize coupling, separate the input traces as far as
practical from any signals associated with the opposite
channel. A grounded guard trace surrounding the inputs
helps reduce stray coupling between channels. Run the
differential inputs of each channel parallel to each other or
directly adjacent on the top and bottom sides of a circuit
board. Stray coupling then produces a common-mode signal
which is rejected by the INA2132’s input.
12 (10)
13 (9)
14 (8)
INA2132
BUF634
2 (6)
3 (5)
V
O
R
L
–In
+In
(Low I
Q mode)
BUF634 inside feedback
loop contributes no error.
12 (10)
13 (9)
3 (5)
INA2132
2 (6)
14 (8)
V
3
V
2
Load
I
O = (V3 – V2)/R
I
O
R
12 (10)
13 (9)
3 (5)
14 (8)
INA2132
2 (6)
1
V
O
DG188
V
1
Logic
In
Logic In
0
1
V
O
–V
1
+V
1
FIGURE 6. Digitally Controlled Gain of
±1 Amplifier.
FIGURE 7. Precision Voltage-to-Current Converter with
Differential Inputs.
12 (10)
13 (9)
3 (5)
INA2132
2 (6)
14 (8)
V
1
V
2
Load
I
O = (V1 – V2) (1/40k + 1/R)
I
O
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com