Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2132 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA2132
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2132 Datasheet(HTML) 2 Page - Texas Instruments

  INA2132 Datasheet HTML 1Page - Texas Instruments INA2132 Datasheet HTML 2Page - Texas Instruments INA2132 Datasheet HTML 3Page - Texas Instruments INA2132 Datasheet HTML 4Page - Texas Instruments INA2132 Datasheet HTML 5Page - Texas Instruments INA2132 Datasheet HTML 6Page - Texas Instruments INA2132 Datasheet HTML 7Page - Texas Instruments INA2132 Datasheet HTML 8Page - Texas Instruments INA2132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
®
INA2132
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE(1)
RTO
Initial
VOS
±75
±250
T
±500
µV
vs Temperature
dVOS/dT
±1
±5
T
±10
µV/°C
vs Power Supply
PSRR
VS = ±1.35V to ±18V
±5
±30
TT
µV/V
vs Time
0.3
T
µV/mo
Channel Separation(2)
dc
0.04
µV/V
INPUT IMPEDANCE(3)
Differential
80
T
k
Ω
Common-Mode
40
T
k
Ω
INPUT VOLTAGE RANGE
Common-Mode Voltage Range(4)
VO = 0V
2 (V–)
2 (V+) –2
TT
V
Common-Mode Rejection Ratio CMRR
VCM = –30V to 28V, RS = 0Ω
80
90
74
T
dB
OUTPUT VOLTAGE NOISE(5)
RTO
f = 0.1Hz to 10Hz
1.6
T
µVp-p
f = 1kHz
65
T
nV/
√Hz
GAIN
Initial
1
T
V/V
Error
VO = –14V to 13.5V
±0.01
±0.05
T
±0.1
%
vs Temperature
±1
±10
TT
ppm/
°C
Nonlinearity
VO = –14V to 13.5V
±0.0001
±0.001
T
±0.002
% of FS
OUTPUT
Voltage, Positive
RL = 100kΩ to Ground
(V+) –1
(V+) –0.8
TT
V
Negative
RL = 100kΩ to Ground
(V–) +0.5 (V–) +0.15
TT
V
Positive
RL = 10kΩ to Ground
(V+) –1.5
(V+) –0.8
TT
V
Negative
RL = 10kΩ to Ground
(V–) +1
(V–) +0.25
TT
V
Current Limit, per Amplifier
Continuous to Common
±12
T
mA
Capacitive Load (stable operation)
10
T
nF
FREQUENCY RESPONSE
Small-Signal Bandwidth
–3dB
300
T
kHz
Slew Rate
SR
0.1
T
V/
µs
Settling Time: 0.1%
VO = 10V Step
85
T
µs
0.01%
VO = 10V Step
88
T
µs
Overload Recovery Time
50% Overdrive
7
T
µs
POWER SUPPLY
Rated Voltage
VS
±15
T
V
Voltage Range
±1.35
±18
TT
V
Quiescent Current (per amplifier)
IQ
IO = 0mA
±160
±185
TT
µA
TEMPERATURE RANGE
Specification
–40
+85
TT
°C
Operation
–55
+125
TT
°C
Storage
–55
+125
TT
°C
Thermal Resistance
θ
JA
100
T
°C/W
T Specifications the same as INA2132U.
NOTES: (1) Includes effects of amplifier’s input bias and offset currents. (2) Measured output offset change of one channel for a full-scale swing (VO = –14V
to 13.5V) on the opposite channel. (3) 40k
Ω resistors are ratio matched but have ±20% absolute value. (4) 2 (V–) –V
REF < VCM < 2 ((V+) –1) –VREF. For more detail,
see Applications Information section. (5) Includes effects of amplifier’s input current noise and thermal noise contribution of resistor network.
SPECIFICATIONS: VS = ±15V
At TA = +25°C, RL = 10kΩ connected to ground, and reference pins connected to ground unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INA2132U
INA2132UA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com