Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA330 Datasheet (PDF) - Texas Instruments

INA330 Datasheet PDF - Texas Instruments
Part # INA330
Download  INA330 Download
File Size   611.27 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL

INA330 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA330 Datasheet PDF - Texas Instruments

Part # INA330
Download  INA330 Click to download

File Size   611.27 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL

INA330 Datasheet (HTML) - Texas Instruments


INA330 Product details

FEATURES
OPTIMIZED FOR PRECISION 10kΩ
THERMISTOR APPLICATIONS
 LOW OFFSET OVER TEMPERATURE:
0.009°C Temperature Error, –40°C to +85°C
 EXCELLENT LONG-TERM STABILITY
 VERY LOW 1/f NOISE: (0.01Hz to 10Hz)
(Peak-to-Peak Equivalent to 0.0001°C)
WIDE OUTPUT SWING: Within 10mV of Rails
SUPPLY RANGE: Single +2.7V to +5.5V
microPACKAGE: MSOP-10
REQUIRES ONLY ONE PRECISION RESISTOR

APPLICATIONS
THERMISTOR-BASED TEMPERATURE
CONTROLLERS FOR OPTICAL NETWORKING
HIGH ACCURACY FOR TEC APPLICATIONS
LASER TEMPERATURE CONTROL

DESCRIPTION
The INA330 is a precision amplifier designed for thermoelectric
cooler (TEC) control in optical networking applications. It
is optimized for use in 10kΩ thermistor-based temperature
controllers. The INA330 provides thermistor excitation and
generates an output voltage proportional to the difference in
resistances applied to the inputs. It uses only one precision
resistor plus the thermistor, thus providing an alternative to
the traditional bridge circuit. This new topology eliminates the
need for two precision resistors while maintaining excellent
accuracy for temperature control applications.
An excitation voltage is applied to the thermistor (RTHERM)
and precision resistor (RSET), creating currents I1 and I2. The
current conveyor circuit produces an output current, IO, equal
to I1 – I2, which flows through the external gain-setting
resistor. A buffered voltage output proportional to IO is also
provided.
The INA330 offers excellent long-term stability, and very low
1/f noise throughout the life of the product. The low offset
results in a 0.009°C temperature error from –40°C to +85°C.
It comes in MSOP-10 packaging and operates with supply
voltages from +2.7V to +5.5V. It is specified over the industrial
temperature range, –40°C to +85°C, with operation from
–40°C to +125°C.




Similar Part No. - INA330

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA330 BURR-BROWN-INA330 Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Texas Instruments
INA330 TI1-INA330 Datasheet
879Kb / 19P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Burr-Brown (TI)
INA330AIDGSR BURR-BROWN-INA330AIDGSR Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Texas Instruments
INA330AIDGSR TI1-INA330AIDGSR Datasheet
879Kb / 19P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Burr-Brown (TI)
INA330AIDGST BURR-BROWN-INA330AIDGST Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
More results


Similar Description - INA330

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA330 BURR-BROWN-INA330 Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
Precision NTC Thermistor Probes for Temperature Measurement
MF11 ETC2-MF11 Datasheet
246Kb / 2P
Temperature Compensation NTC Thermistor
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
SMD PTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
SMD NTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
SMD NTC Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
ptc chip thermistor (for over-temperature protection)
logo
Texas Instruments
INA330 TI1-INA330 Datasheet
879Kb / 19P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com