Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA330 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA330
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA330 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA330 Datasheet HTML 6Page - Texas Instruments INA330 Datasheet HTML 7Page - Texas Instruments INA330 Datasheet HTML 8Page - Texas Instruments INA330 Datasheet HTML 9Page - Texas Instruments INA330 Datasheet HTML 10Page - Texas Instruments INA330 Datasheet HTML 11Page - Texas Instruments INA330 Datasheet HTML 12Page - Texas Instruments INA330 Datasheet HTML 13Page - Texas Instruments INA330 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
INA330
10
SBOS260
www.ti.com
FIGURE 9. Required 1.6kHz (or lower) Filtering.
FILTERING
Subsequent stages will frequently provide adequate filtering
for the INA330. However, filtering can be adjusted through
selection of RGCFILTER, and by adding a filter at VO for the
desired trade-off of noise and bandwidth. Adjustment of
these components will result in more or less ripple due to
auto-correction circuitry noise and will also affect broadband
noise.
It is generally desirable to keep any resistor added at VO (see
RO in Figure 9) relatively low to avoid DC gain error created
by the subsequent stage loading. This may result in relatively
high values for the filter capacitor at VO to produce the
desired filter response. The impedance of this filter can be
scaled higher to produce smaller capacitor values if the load
impedance is very high. Electrolytic capacitors are not rec-
ommended for the filters due to dielectric absorption effects.
FIGURE 8. Simple PI Temperature Control Amplifier.
R
G
200k
Ω
C
FILTER
500pF
INA330
REF3012
V
ADJ
R
SET
10k
Ω
R
THERM
10k
Ω
4
0.1
µF
V
EXCITE
1.25V
2
µF(1)
10M
Ω(1)
100pF(1)
2
3
10
1
+5V
95
6
8
7
OPA340
V
REF
2.5V
V
O
Output
to Power Amp
+5V
10M
Ω(1)
NOTE: (1) Time constants
were selected for THORLABS
model TCLM9 Laser Diode
Mount.
Proportional-Integrator
compensation is simpler to
adjust and often provides
adequate thermal transient
response.
8
7
2
3
10
1
R
G
200k
Ω
C
FILTER
500pF
C
O
1
µF
R
O
100
Ω
V
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com