Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA330 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA330
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA330 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA330 Datasheet HTML 4Page - Texas Instruments INA330 Datasheet HTML 5Page - Texas Instruments INA330 Datasheet HTML 6Page - Texas Instruments INA330 Datasheet HTML 7Page - Texas Instruments INA330 Datasheet HTML 8Page - Texas Instruments INA330 Datasheet HTML 9Page - Texas Instruments INA330 Datasheet HTML 10Page - Texas Instruments INA330 Datasheet HTML 11Page - Texas Instruments INA330 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
INA330
8
SBOS260
www.ti.com
INA330 PIN 5
Pin 5 of the INA330 should be connected to V+ to ensure
proper operation.
COMPLETE TEMPERATURE CONTROLLER
See Figure 6 for a complete temperature control loop with a
TEC (thermoelectric cooler) for cooling and heating. PID
(proportional, integral, differential) control circuitry is shown
for loop compensation and stability.
The loop controls temperature to an adjustable set-point of
22.5
°C to 27.5°C. The nominal 10kΩ at 25°C thermistor
ranges from approximately 11.4k
Ω to 8.7kΩ over this range.
A 1V excitation voltage is applied to V1 and V2, producing a
nominal 100
µA current in the 10kΩ R
SET resistor. The ther-
The INA330 is designed and tested for amplifying 10k
Ω
thermistor signals used in the control of thermoelectric
coolers for optical networking applications. The simplified
schematic in Figure 5 shows the basic function of the
INA330. An excitation voltage is applied as V1 and V2.
Typically, these voltages are equal. They generate cur-
rents I1 and I2 in the thermistor and RSET resistor.
Auto-corrected current mirror circuitry around A1 and A2
produce an output current, IO, equal to the difference
A1
V+
Enable
Current Mirror
Current Mirror
I
2
I
2
I
2
R
SET
R
THERM
R
G
C
FILTER
V
O
V
2
V
1
I
2
I
O
I
1 – I2
I
O = I1 – I2
I
O
A3
A2
V
ADJUST
Current Mirror
Current Mirror
95
6
8
7
4
3
10
1
2
INA330
I
1
current I1 – I2. The gain is set by the value of RG. The
output voltage, VO, is the voltage resulting from IO flowing
through RG.
The INA330 uses internal charge pumps to create volt-
ages beyond the power-supply rails.
As a result, the
voltage on RG can actually swing 20mV below the nega-
tive power-supply rail, and 100mV beyond the positive
supply rail. An internal oscillator has a
frequency of
90kHz and accuracy of
±20%.
INSIDE THE INA330
FIGURE 5. INA330 Simplified Schematic.
mistor current is approximately 100
µA at 25°C, but will vary
above or below this value over the
±2.5°C set-point tempera-
ture range. The difference of these two currents flows in the
gain-set resistor, RG. This produces a voltage output of
approximately 0.9V/
°C.
The set-point temperature is adjusted with VADJ. Thus, the
voltage at VO is the sum of (IO)(RG) + VADJ. VADJ can be
manually adjusted or set with a Digital-to-Analog (D/A) con-
verter. Optionally, set-point temperature can be adjusted by
choosing a different fixed value resistor more closely ap-
proximating the value of RTHERM at the desired temperature.
The noninverting input of the integrator in the PID compen-
sation is connected to VBIAS. Thus, the feedback loop will
drive the heating or cooling of the TEC to force VO to equal
VBIAS. VADJ = 2.5V will produce a set-point temperature of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com