Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA330 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA330
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA330 Datasheet(HTML) 3 Page - Texas Instruments

  INA330 Datasheet HTML 1Page - Texas Instruments INA330 Datasheet HTML 2Page - Texas Instruments INA330 Datasheet HTML 3Page - Texas Instruments INA330 Datasheet HTML 4Page - Texas Instruments INA330 Datasheet HTML 5Page - Texas Instruments INA330 Datasheet HTML 6Page - Texas Instruments INA330 Datasheet HTML 7Page - Texas Instruments INA330 Datasheet HTML 8Page - Texas Instruments INA330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
INA330
3
SBOS260
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +5V
BOLDFACE limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, V1 = V2 = +1V, VADJUST = +2.5V, RSET = 10kΩ, RTHERM = 10kΩ, RG = 200kΩ, CFILTER = 500pF, external 1kHz filtering, unless otherwise noted.
INA330
2
3
10
1
95
4
V+
V
2
V
EXCITE
1V
V
1
6
Enable
High = On
Low = Off
8
7
I
1
I
2
R
SET
10k
Ω
R
G
200k
Ω
Thermistor
R
THERM = 10kΩ
C
FILTER
500pF
I
O = I1 – I2
V
O
V
ADJUST = +2.5V
NOTES: (1) Total errors in voltage seen between pin 1 and pin 10. (2) See Figure 2.
TEST CONFIGURATION
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
VOLTAGE EXCITATION BUFFERS
Voltage Range
RSET = 10kΩ, RTHERM = 10kΩ
0.1
1.25
V
RSET = 100kΩ, RTHERM = 100kΩ
0.1 to 4.9
V
Offset Voltage
VOS
VS = +5V, V1 – V2 = 0
±60
µV
vs Temperature
∆V
OS
±0.2
µV/°C
vs Power Supply
PSR
VS = +2.7V to +5.5V, V1 – V2 = 0
3
µV/V
Offset Voltage Match(1)
±30
µV
vs Temperature
0.2
µV/°C
Input Bias Current
IB
±0.2
nA
Output Current
+125
µA
CURRENT CONVEYOR(2)
Gain Equation
IO = I1 – I2
Current Output Range
±12.5
µA
Voltage Compliance Range
0.075
4.925
V
Gain
1A/A
Gain Error
VO = +0.075V to +4.925V
±0.1
±0.2
%
Current Offset Error
IERROR
I1 = I2
±100
±200
nA
Change Over Temperature
+25
°C to +85°C, or +25°C to –40°C
±40
nA
vs V1, V2
V1 = V2 = +0.1V to +1.25V
±100
±200
nA/V
vs Power Supply
25
nA/V
Noise Current
12
pA/
√Hz
f = 0.01Hz to 10Hz
500
pAp-p
OUTPUT BUFFER
Voltage Output Swing-to-Rail
RL = 100kΩ
5mV
RL = 10kΩ
75
10
mV
Offset Voltage
30
µV
vs Temperature
dVOS /dT
0.1
µV/°C
Input Bias Current
Included in IERROR
Short-Circuit Current
ISC
±25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com