Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet (PDF) - Texas Instruments

LM26 Datasheet PDF - Texas Instruments
Part # LM26
Download  LM26 Download
File Size   667.31 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat

LM26 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM26 Datasheet PDF - Texas Instruments

Part # LM26
Download  LM26 Click to download

File Size   667.31 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat

LM26 Datasheet (HTML) - Texas Instruments


LM26 Product details

1 Features
1• Internal Comparator With Pin Programmable 2°C
or 10°C Hysteresis
• No External Components Required
• Open-Drain or Push-Pull Digital Output; Supports
CMOS Logic Levels
• Internal Temperature Sensor With VTEMP Output
Pin
• VTEMP Output Allows After-Assembly System
Testing
• Internal Voltage Reference and DAC for Trip-Point
Setting
• Currently Available in 5-pin SOT-23 Plastic
Package
• Excellent Power Supply Noise Rejection
• UL Recognized Component
• Key Specifications
– Power Supply Voltage 2.7 V to 5.5 V
– Power Supply Current
40 μA (Maximum) 16 μA (Typical)
– Hysteresis Temperature 2°C or 10°C (Typical)

2 Applications
• Microprocessor Thermal Management
• Appliances
• Portable Battery Powered Systems
• Fan Control
• Industrial Process Control
• HVAC Systems
• Remote Temperature Sensing
• Electronic System Protection

3 Description
The LM26 is a precision, single digital-output, low-
power thermostat comprised of an internal reference,
DAC, temperature sensor and comparator. Utilizing
factory programming, it can be manufactured with
different trip points as well as different digital output
functionality. The trip point (TOS) can be preset at the
factory to any temperature in the range of −55°C to
110°C in 1°C increments. The LM26 has one digital output (OS/OS/US/US), one digital input (HYST) and
one analog output (VTEMP). The digital output stage
can be preset as either open-drain or push-pull. In
addition, it can be factory programmed to be active
HIGH or LOW. The digital output can be factory
programmed to indicate an over temperature
shutdown event (OS or OS) or an under temperature shutdown event (US or US). When preset as an
overtemperature shutdown (OS) it will go LOW to
indicate that the die temperature is over the internally
preset TOS and go HIGH when the temperature goes below (TOS–THYST). Similarly, when preprogrammed
as an undertemperature shutdown (US) it will go
HIGH to indicate that the temperature is below TUS
and go LOW when the temperature is above
(TUS+THYST). The typical hysteresis, THYST, can be set to 2°C or 10°C and is controlled by the state of the
HYST pin. A VTEMP analog output provides a voltage
that is proportional to temperature and has a −10.82
mV/°C output slope.
Available parts are detailed in the Device Comparison
Table. For other part options, contact a Texas
Instruments Distributor or Sales Representative for information on minimum order qualification. The
LM26 is currently available in a 5-lead SOT-23
package.




Similar Part No. - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
130Kb / 6P
Adapter Interface Circuit
LM26 NSC-LM26 Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM26 NSC-LM26 Datasheet
733Kb / 16P
400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
LM26 NSC-LM26 Datasheet
428Kb / 15P
400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
LM26 NSC-LM26 Datasheet
844Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
More results


Similar Description - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
Accurate, Factory Preset Thermostat
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM26NV TI-LM26NV_15 Datasheet
739Kb / 17P
LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27 TI-LM27_15 Datasheet
981Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com