Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM26
Description  LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM26 Datasheet(HTML) 3 Page - Texas Instruments

  LM26 Datasheet HTML 1Page - Texas Instruments LM26 Datasheet HTML 2Page - Texas Instruments LM26 Datasheet HTML 3Page - Texas Instruments LM26 Datasheet HTML 4Page - Texas Instruments LM26 Datasheet HTML 5Page - Texas Instruments LM26 Datasheet HTML 6Page - Texas Instruments LM26 Datasheet HTML 7Page - Texas Instruments LM26 Datasheet HTML 8Page - Texas Instruments LM26 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM26
www.ti.com
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
5 Device Comparison Table
Order Number
Top Mark
Trip Point
Output Function
Setting
Bulk Rail (1000 Units)
Tape & Reel (3000 Units)
LM26CIM5-BPB
LM26CIM5X-BPB
TBPB
-45°C
Active-Low, Open-Drain, US output
LM26CIM5-DPB
LM26CIM5X-DPB
TDPB
-25°C
Active-Low, Open-Drain, US output
LM26CIM5-HHD
LM26CIM5X-HHD
THHD
0°C
Active-High, Push-Pull, US output
LM26CIM5-NPA
LM26CIM5X-NPA
TNPA
45°C
Active-Low, Open-Drain, OS output
LM26CIM5-RPA
LM26CIM5X-RPA
TRPA
65°C
Active-Low, Open-Drain, OS output
LM26CIM5-SHA
LM26CIM5X-SHA
TSHA
75°C
Active-Low, Open-Drain, OS output
LM26CIM5-SPA
LM26CIM5X-SPA
TSPA
70°C
Active-Low, Open-Drain, OS output
LM26CIM5-TPA
LM26CIM5X-TPA
TTPA
85°C
Active-Low, Open-Drain, OS output
LM26CIM5-VHA
LM26CIM5X-VHA
TVHA
90°C
Active-Low, Open-Drain, OS output
LM26CIM5-VPA
LM26CIM5X-VPA
TVPA
95°C
Active-Low, Open-Drain, OS output
LM26CIM5-XHA
LM26CIM5X-XHA
TXHA
100°C
Active-Low, Open-Drain, OS output
LM26CIM5-XPA
LM26CIM5X-XPA
TXPA
105°C
Active-Low, Open-Drain, OS output
LM26CIM5-YHA
LM26CIM5X-YHA
TYHA
110°C
Active-Low, Open-Drain, OS output
LM26CIM5-YPA
LM26CIM5X-YPA
TYPA
115°C
Active-Low, Open-Drain, OS output
LM26CIM5-ZHA
LM26CIM5X-ZHA
TZHA
120°C
Active-Low, Open-Drain, OS output
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com