Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM26
Description  LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM26 Datasheet(HTML) 2 Page - Texas Instruments

  LM26 Datasheet HTML 1Page - Texas Instruments LM26 Datasheet HTML 2Page - Texas Instruments LM26 Datasheet HTML 3Page - Texas Instruments LM26 Datasheet HTML 4Page - Texas Instruments LM26 Datasheet HTML 5Page - Texas Instruments LM26 Datasheet HTML 6Page - Texas Instruments LM26 Datasheet HTML 7Page - Texas Instruments LM26 Datasheet HTML 8Page - Texas Instruments LM26 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM26
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes.......................................... 9
1
Features .................................................................. 1
9
Application and Implementation ........................ 10
2
Applications ........................................................... 1
9.1
Application Information............................................ 10
3
Description ............................................................. 1
9.2
Typical Application .................................................. 10
4
Revision History..................................................... 2
9.3
System Examples ................................................... 11
5
Device Comparison Table..................................... 3
10
Power Supply Recommendations ..................... 12
6
Pin Configuration and Functions ......................... 4
11
Layout................................................................... 12
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 12
7.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Example .................................................... 12
7.2
ESD Ratings.............................................................. 5
11.3
Thermal Considerations ........................................ 13
7.3
Recommended Operating Conditions ....................... 5
11.4
Part Number Template.......................................... 14
7.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 15
7.5
Electrical Characteristics .......................................... 5
12.1
Community Resources.......................................... 15
7.6
Typical Characteristics .............................................. 6
12.2
Trademarks ........................................................... 15
8
Detailed Description .............................................. 7
12.3
Electrostatic Discharge Caution ............................ 15
8.1
Overview ................................................................... 7
12.4
Glossary ................................................................ 15
8.2
Functional Block Diagrams ....................................... 7
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................... 8
Information ........................................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision R (February 2013) to Revision S
Page
•
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
•
Removed Part Number Template table ................................................................................................................................. 6
•
Removed Temperature Trip Point Accuracy table ................................................................................................................ 6
Changes from Revision Q (September 2011) to Revision R
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 11
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com