Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM26
Description  LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM26 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM26 Datasheet HTML 12Page - Texas Instruments LM26 Datasheet HTML 13Page - Texas Instruments LM26 Datasheet HTML 14Page - Texas Instruments LM26 Datasheet HTML 15Page - Texas Instruments LM26 Datasheet HTML 16Page - Texas Instruments LM26 Datasheet HTML 17Page - Texas Instruments LM26 Datasheet HTML 18Page - Texas Instruments LM26 Datasheet HTML 19Page - Texas Instruments LM26 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM26CIM5-BPB/NOPB
Active
Production
SOT-23 (DBV) | 5
1000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TBPB
LM26CIM5-BPB/NOPB.A
Active
Production
SOT-23 (DBV) | 5
1000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TBPB
LM26CIM5-DPB/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TDPB
LM26CIM5-HHD/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
THHD
LM26CIM5-NPA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TNPA
LM26CIM5-PHA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TPHA
LM26CIM5-RPA/NOPB
Active
Production
SOT-23 (DBV) | 5
1000 | LARGE T&R
Yes
Call TI | Sn
Level-1-260C-UNLIM
-55 to 125
TRPA
LM26CIM5-RPA/NOPB.A
Active
Production
SOT-23 (DBV) | 5
1000 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-55 to 125
TRPA
LM26CIM5-SHA/NOPB
Active
Production
SOT-23 (DBV) | 5
1000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TSHA
LM26CIM5-SHA/NOPB.A
Active
Production
SOT-23 (DBV) | 5
1000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TSHA
LM26CIM5-SPA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TSPA
LM26CIM5-TPA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TTPA
LM26CIM5-VHA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TVHA
LM26CIM5-VPA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TVPA
LM26CIM5-XHA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TXHA
LM26CIM5-XPA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TXPA
LM26CIM5-YHA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TYHA
LM26CIM5-YPA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TYPA
LM26CIM5-ZHA
NRND
Production
SOT-23 (DBV) | 5
1000 | LARGE T&R
No
Call TI
Level-1-260C-UNLIM
-55 to 125
TZHA
LM26CIM5-ZHA.A
NRND
Production
SOT-23 (DBV) | 5
1000 | LARGE T&R
No
Call TI
Level-1-260C-UNLIM
-55 to 125
TZHA
LM26CIM5-ZHA/NOPB
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-55 to 125
TZHA
LM26CIM5X-DPB/NOPB
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TDPB
LM26CIM5X-DPB/NOPB.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TDPB
LM26CIM5X-HHD/NOPB
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
THHD
LM26CIM5X-HHD/NOPB.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
THHD
LM26CIM5X-NPA/NOPB
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TNPA
LM26CIM5X-NPA/NOPB.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TNPA
LM26CIM5X-PHA/NOPB
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TPHA
LM26CIM5X-PHA/NOPB.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-55 to 125
TPHA
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com