Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM26
Description  LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM26 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM26 Datasheet HTML 3Page - Texas Instruments LM26 Datasheet HTML 4Page - Texas Instruments LM26 Datasheet HTML 5Page - Texas Instruments LM26 Datasheet HTML 6Page - Texas Instruments LM26 Datasheet HTML 7Page - Texas Instruments LM26 Datasheet HTML 8Page - Texas Instruments LM26 Datasheet HTML 9Page - Texas Instruments LM26 Datasheet HTML 10Page - Texas Instruments LM26 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
VTEMP
GND
OS
HYST
REF
TEMP
SENSOR
+
-
V+
V
+
LM26__C
HYST
VTEMP
GND
HYST
REF
TEMP
SENSOR
+
-
HYST
LM26__B
V
+
US
VTEMP
GND
HYST
OS
REF
TEMP
SENSOR
+
-
HYST
LM26__A
V
+
LM26
www.ti.com
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
8 Detailed Description
8.1 Overview
The LM26 is a factory preset thermostat (temperature switch) that includes an integrated temperature sensor,
reference voltage, DAC and comparator. The LM26 can be factory programmed to have a trip point anywhere in
the range of
−55°C to +120°C. The output functionality can also be changed during the manufacturing process,
as described in the functional block diagrams. Available options include:
•
OS: active low, open drain that indicates an over temperature shutdown event (most common)
•
US: active low, open-drain that indicates an under temperature shutdown event
•
OS: active high, push-pull that indicates an over temperature shutdown event
•
US: active high, push-pull that indicates an under temperature shutdown event
The internal temperature sensor is brought out on the VTEMP pin and can be used to determine the temperature
that the LM26 is reading by monitoring with an ADC. It has a negative temperature coefficient (NTC) of
approximately -10mV/°C. This pin also allows after assembly PCB testing (see section After Assembly PCB
Testing for more details).
The comparator hysteresis is selectable by the state of the HYST. Two values are available 10°C or 2°C.
Comparator hysteresis is essential, as it prevents comparator output chattering when the temperature is at the
comparator threshold set point (REF as shown in the functional block diagrams). Once the comparator trips the
hysteresis function changes the comparator threshold (REF) level such that the output remains locked in the
active state. The threshold is changed by either 10°C or 2°C as programmed by the state of the HYST pin.
8.2 Functional Block Diagrams
Figure 2. LM26-_ _A Output Pin Block Diagram
Figure 3. LM26-_ _B Output Pin Block Diagram
Figure 4. LM26-_ _C Output Pin Block Diagram
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com