Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3401 Datasheet (PDF) - Texas Instruments

LM3401 Datasheet PDF - Texas Instruments
Part # LM3401
Download  LM3401 Download
File Size   684.45 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3401 Hysteretic PFET Controller for High Power LED Drive

LM3401 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3401 Datasheet PDF - Texas Instruments

Part # LM3401
Download  LM3401 Click to download

File Size   684.45 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3401 Hysteretic PFET Controller for High Power LED Drive

LM3401 Datasheet (HTML) - Texas Instruments


LM3401 Product details

1FEATURES
2• Hysteretic Control for Speed and Simplicity
• Input Operating Range of 4.5V-35V
• 1.5MHz Maximum Switching Frequency
• Low 200mV Reference Voltage
• Programmable Current Limit
• High speed CMOS Compatible
Enable/Dimming
• Adjustable Hysteresis
• Input UVLO
• No output Capacitor Required
• 8-pin VSSOP Package

APPLICATIONS
• LED Driver
• Battery Charger

DESCRIPTION
The LM3401 is a switching controller designed to
provide constant current to high power LEDs. The
LM3401 drives an external P-MOSFET switch for
step-down (Buck) regulators. The LM3401 delivers
constant current within ±6% accuracy to a wide
variety and number of series connected LEDs. Output current is adjusted with an external current sensing
resistor to drive high power LEDs in excess of 1A.
For improved accuracy and efficiency, the LM3401
features dual-side hysteresis, very low reference
voltage, and short propagation delay. A cycle by
cycle current limit provides protection against over
current and short circuit failures. Additional features
include adjustable hysteresis and a CMOS
compatible input pin for PWM dimming.




Similar Part No. - LM3401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI-LM3401 Datasheet
1Mb / 27P
LM3401 Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
1Mb / 27P
Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
401Kb / 18P
Hysteretic PFET Controller for High Power LED Drive
More results


Similar Description - LM3401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
Hysteretic PFET Controller for High Power LED Drive
LM3401 NSC-LM3401_08 Datasheet
401Kb / 18P
Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401MM TI-LM3401MM Datasheet
1Mb / 27P
LM3401 Hysteretic PFET Controller for High Power LED Drive
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
Hysteretic PFET Controller for High Power LED Drive
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3401 TI1-LM3401_15 Datasheet
1Mb / 27P
Hysteretic PFET Controller for High Power LED Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com