Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3401 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3401 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 2Page - Texas Instruments LM3401 Datasheet HTML 3Page - Texas Instruments LM3401 Datasheet HTML 4Page - Texas Instruments LM3401 Datasheet HTML 5Page - Texas Instruments LM3401 Datasheet HTML 6Page - Texas Instruments LM3401 Datasheet HTML 7Page - Texas Instruments LM3401 Datasheet HTML 8Page - Texas Instruments LM3401 Datasheet HTML 9Page - Texas Instruments LM3401 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
1 series (700 mA)
2 series (700 mA)
1 series (1A)
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
1 series
2 series
3 series
2.0
3.5
5.0
6.5
8.0
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
180 pF
470 pF
1000 pF
20 Ps/DIV
VIN
10V/Div
ILED
100 mA/Div
20
30
40
50
60
70
0
5
10
15
20
25
30
35
40
INPUT VOLTAGE (V)
3.30
3.50
3.70
3.90
4.10
4.30
4.50
-50
-25
0
25
50
75
100
125
TURN-ON
TURN-OFF
TEMPERATURE (
°C)
LM3401
SNVS516C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VIN = 24V, TA = 25°C.
UVLO Threshold vs Temperature
SNS to HG Propagation Delay vs VIN
Figure 8.
Figure 9.
Line Transient Response
Initial HG Voltage vs Input Voltage
Figure 10.
Figure 11.
350 mA Efficiency
700 mA and 1A Efficiency
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com