Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3401 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3401 Datasheet(HTML) 2 Page - Texas Instruments

  LM3401 Datasheet HTML 1Page - Texas Instruments LM3401 Datasheet HTML 2Page - Texas Instruments LM3401 Datasheet HTML 3Page - Texas Instruments LM3401 Datasheet HTML 4Page - Texas Instruments LM3401 Datasheet HTML 5Page - Texas Instruments LM3401 Datasheet HTML 6Page - Texas Instruments LM3401 Datasheet HTML 7Page - Texas Instruments LM3401 Datasheet HTML 8Page - Texas Instruments LM3401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DIM
SNS
HYS
VIN
HG
GND
ILIM
CS
1
2
3
4
8
7
6
5
LM3401
SNVS516C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Figure 1. Top View
8-Lead VSSOP
See DGK Package
PIN DESCRIPTIONS
Pin #
Pin
Description
Name
1
CS
Current sense pin. Connect to the PFET drain
2
DIM
Dimming input pin. When DIM is low, the HG drive is off. Can be connected to a logic level PWM signal
3
SNS
Current feedback pin – to LED cathode. Connect a resistor from this pin to ground to set the DC LED current
4
HYS
Hysteresis adjust pin. Connect a resistor from this pin to GND to set the hysteresis window
5
GND
Ground pin
6
HG
Gate drive output. Connect to the PFET gate
7
VIN
Power supply input
8
ILIM
Current limit adjust pin. Connect a resistor from this pin to the PFET source to set the current limit threshold
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com