Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3401 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3401 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 13Page - Texas Instruments LM3401 Datasheet HTML 14Page - Texas Instruments LM3401 Datasheet HTML 15Page - Texas Instruments LM3401 Datasheet HTML 16Page - Texas Instruments LM3401 Datasheet HTML 17Page - Texas Instruments LM3401 Datasheet HTML 18Page - Texas Instruments LM3401 Datasheet HTML 19Page - Texas Instruments LM3401 Datasheet HTML 20Page - Texas Instruments LM3401 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
fSW =
2 x 22.4 mV x 33 PH
0.29: x (35V ± 16.8V)
0.50
+ (2 x 60 ns)
= 1.25 MHz
fSW =
2 x 22.4 mV x 33 PH
0.29: x (18V ± 16.8V)
0.96
+ (2 x 60 ns)
= 219 kHz
ILED_PK =
227 mA
2
690 mA +
= 804 mA
ILED_RIP =
(35V ± 11V) x 2 x 60 ns
2 x 22.4 mV
0.29:
33 PH
+
= 227 mA
SNSHYS =
0.60
1 MHz
-(2 x 60 ns) x [0.29 x (24V - 13.8V)]
2 x 33 PH
= 22.4 mV
L =
0.60
1 MHz
-(2 x 60 ns) x [0.29 x (24V - 13.8V)]
2 x 25 mV
= 29.6 PH
R2 =
25 mV x 5
20 PA
= 6.25 k:
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
Since this is a relatively high switching frequency, a low starting point of 25 mV is selected for the comparator
hysteresis to maintain good line regulation. This will allow a larger inductor at the same operating frequency and
is well below the calculated maximum. Set a preliminary hysteresis value with R2:
(27)
For 1 MHz switching frequency and 25 mV hysteresis, inductance can be calculated. Because frequency varies
with input voltage and LED forward voltage, for this calculation, assume typical values of 24V and 13.6V
respectively, and a PFET delay time of 15 ns.
(28)
Select a value of 33 µH and the hysteresis can be adjusted downward by re-arranging the same frequency
equation:
(29)
This gives a new R2 value of 5.6k. This will result in a typical operating frequency of 1 MHz at 24VIN. Next, it
must be verified that the peak LED current is within the maximum allowed.
For now, the design is created without using a ripple reduction capacitor. Therefore, LED ripple current is equal
to inductor ripple current. Maximum LED ripple current is calculated as:
(30)
Note that the maximum input voltage and minimum anode voltage were used for this worst case calculation.
Now peak LED current can be determined:
(31)
This confirms that the component selections will keep LED peak current below the maximum LED rating. Notice if
a ripple reduction capacitor is chosen, the peak inductor current is still 804mA, but the LED peak current is
reduced. Therefore, the inductor must be rated for a DC current greater than 804 mA. Now that the inductor
value has been selected and verified, the operating frequency range can be determined. Lowest operating
frequency occurs at minimum input voltage and maximum anode voltage. For this example the values are 18V
minimum input and 16.8V maximum anode voltage (200 mV SNS voltage plus the maximum LED forward
voltages) and calculate:
(32)
At duty cycles close to 100% (96% in this case) the frequency equation becomes less accurate. Actual switching
frequency will typically be lower than the calculated value.
To estimate maximum operating frequency, calculate using a VIN which corresponds to a duty cycle of 25%. In
this particular example, 25% duty cycle would occur above 35VIN (VIN = (VOUT + VDIODE)/0.25 = 69.9V), therefore
maximum frequency will occur at the maximum input voltage corresponding to a duty cycle of 50% (D = (VOUT +
VDIODE)/35V = 0.50):
(33)
Using the equation in the Switching Frequency section, it can be verified that this maximum frequency is within
the minimum on-time limited frequency (and below the maximum operating frequency).
The maximum frequency calculation is only an estimate, the actual maximum should be verified on the bench.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com