Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3401 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3401 Datasheet(HTML) 3 Page - Texas Instruments

  LM3401 Datasheet HTML 1Page - Texas Instruments LM3401 Datasheet HTML 2Page - Texas Instruments LM3401 Datasheet HTML 3Page - Texas Instruments LM3401 Datasheet HTML 4Page - Texas Instruments LM3401 Datasheet HTML 5Page - Texas Instruments LM3401 Datasheet HTML 6Page - Texas Instruments LM3401 Datasheet HTML 7Page - Texas Instruments LM3401 Datasheet HTML 8Page - Texas Instruments LM3401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, contact the Texas Instruments Semiconductor Sales Office/
Distributors for availability and specifications.
VALUE / UNIT
VIN
-0.3V to 36V
CS
-2.0V to 36V
SNS
-0.3V to 8V
ILIM
-0.3V to 36V
DIM
-0.3V to 36V
HYS
-0.3V to 4V
Storage Temperature
-65°C to +150°C
Lead Temperature
Vapor Phase (60sec)
215°C
Infrared (15sec)
220°C
ESD Rating Human Body Model (2)
2.5kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur to the device. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not include specific performance limits. For specified specifications, see Electrical
Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS
(1)
VALUE / UNIT
VIN
4.5V to 35V
Junction Temperature Range
-40°C to +125°C
Thermal Resistance
θJA
(2)
151°C/W
Power Dissispation (2)
0.66W
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur to the device. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not include specific performance limits. For specified specifications, see Electrical
Characteristics.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ_MAX, the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD_MAX = (TJ_MAX - TA)/θJA. The maximum power dissipation of 0.66W is determined using TA = 25°C, θJA = 151°C/W, and
TJ_MAX = 125°C. θJA will vary with board size and copper area. The θJA spec is based on a JEDEC standard 4-layer board.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com