Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3401 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3401 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 8Page - Texas Instruments LM3401 Datasheet HTML 9Page - Texas Instruments LM3401 Datasheet HTML 10Page - Texas Instruments LM3401 Datasheet HTML 11Page - Texas Instruments LM3401 Datasheet HTML 12Page - Texas Instruments LM3401 Datasheet HTML 13Page - Texas Instruments LM3401 Datasheet HTML 14Page - Texas Instruments LM3401 Datasheet HTML 15Page - Texas Instruments LM3401 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
R3 =
ILIM_PK x RDS(on)
4 PA
IL
500 PA /Div
VCS
10V/Div
10 Ps/DIV
PDmax =
(125°C ± Ta_max)
T
JA
LM3401
SNVS516C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Increasing RDS(on) will increase power losses and degrade efficiency. FET RDS(on) has a positive temperature
coefficient. At 125°C, the RDS(on) may be as much as 150% higher than the value at 25°C. The Gate capacitance
of the PFET has a direct impact on both PFET transition time and the power dissipation in the LM3401. Most of
the power dissipated in the LM3401 is used to drive the PFET switch. This power can be calculated as follows:
The average amount of gate driver current required during switching (IG) is:
IG = Qg x fSW
(14)
Where Qg is the PFET gate charge.
And the total power dissipated in the IC is:
PD = (Iq x VIN) + (IG x 4.7V)
(15)
Where Iq is typically 1.05 mA and 4.7V is the typical HG voltage.
Maximum power dissipation within the LM3401 is limited by ambient temperature. Use the following equation to
determine maximum allowable power dissipation, or maximum allowable ambient temperature:
(16)
Where
θJA is the typical thermal resistance of 151°C/W. In general, keeping the gate capacitance below 2000 pF
is recommended to keep propagation delay, switching losses, and power losses low. PFETs with very fast rise
times may cause excessive ringing at the HG node when combined with the inductance of a long HG trace. To
reduce this ringing, a small resistor can be added between HG and the PFET gate. A typical value of 10
Ω is
usually sufficient.
CURRENT LIMIT OPERATION
The LM3401 current limit monitors inductor current at each switching cycle. Current is sensed across the RDS(on)
of the PFET at the CS pin. When the PFET current exceeds the current limit threshold, HG is turned off and the
current limit latch is set. In current limit mode, the PFET is held off until the inductor current falls to near zero.
Figure 19. Typical Current Limit Operation
The current limit threshold is adjusted with a setting resistor, shown as R3 in the typical application schematic,
connected from ILIM to the VIN node of the PFET.
An internal 5.5 µA (typical) current sink at the ILIM pin creates a voltage across the setting resistor. This voltage
is compared to the sensed voltage at the CS pin. Current limit is activated and latched when the voltage at the
CS pin drops below the voltage at the ILIM pin.
The current limit setting resistor, R3, can be calculated from the equation below. The minimum current limit
occurs at maximum RDS(on) and minimum IILIM value.
(17)
Where 4 µA is the minimum IILIM value and ILIM_PK is the peak inductor current limit threshold. ILIM_PK should be
set somewhat higher than the maximum LED current, ILED_PK, to avoid false current limit triggering. The
temperature variation of the PFET RDS(on) will result in an equivalent variation in current limit. To ensure that
current limit is not falsely triggered, use the highest RDS(on) value over the temperature range to set the R3 value.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com