Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFT977 Datasheet (PDF) - Silicon Supplies

BFT977 Datasheet PDF - Silicon Supplies
Part # BFT977
Download  BFT977 Download
File Size   179.68 Kbytes
Page   2 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 8 GHz fT Wideband PNP Chip

BFT977 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFT977 Datasheet PDF - Silicon Supplies

Part # BFT977
Download  BFT977 Click to download

File Size   179.68 Kbytes
Page   2 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 8 GHz fT Wideband PNP Chip

BFT977 Datasheet (HTML) - Silicon Supplies


BFT977 Product details

Features:
 High Power Gain
 Low Noise
 Wide Transition Frequency




Similar Part No. - BFT977

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT92 PHILIPS-BFT92 Datasheet
47Kb / 8P
PNP 5 GHz wideband transistor
November 1992
logo
Siemens Semiconductor G...
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
Infineon Technologies A...
BFT92 INFINEON-BFT92 Datasheet
79Kb / 7P
PNP Silicon RF Transistor
Jul-16-2001
logo
NXP Semiconductors
BFT92 NXP-BFT92 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT92W PHILIPS-BFT92W Datasheet
91Kb / 12P
PNP 4 GHz wideband transistor
May 1994
More results


Similar Description - BFT977

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG31 PHILIPS-BFG31 Datasheet
49Kb / 7P
PNP 5 GHz wideband transistor
1995 Sep 12
BFT92W PHILIPS-BFT92W Datasheet
91Kb / 12P
PNP 4 GHz wideband transistor
May 1994
BFT93 PHILIPS-BFT93 Datasheet
48Kb / 8P
PNP 5 GHz wideband transistor
November 1992
BFT93W PHILIPS-BFT93W Datasheet
127Kb / 24P
PNP 4 GHz wideband transistor
March 1994
BFQ149 NXP-BFQ149 Datasheet
227Kb / 7P
PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFQ149_N PHILIPS-BFQ149_N_15 Datasheet
233Kb / 7P
PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFT92W PHILIPS-BFT92W_15 Datasheet
371Kb / 14P
PNP 4 GHz wideband transistor
May 1994
BFT93_CNV PHILIPS-BFT93_CNV_15 Datasheet
209Kb / 10P
PNP 5 GHz wideband transistor
November 1992
BFT93W PHILIPS-BFT93W_15 Datasheet
1Mb / 22P
PNP 4 GHz wideband transistor
March 1994
logo
Silicon Supplies
2SC5635 SS-2SC5635 Datasheet
437Kb / 5P
8 GHz Wideband NPN Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com