Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91002 Datasheet (PDF) - Texas Instruments

LMP91002 Datasheet PDF - Texas Instruments
Part # LMP91002
Download  LMP91002 Download
File Size   664.6 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications

LMP91002 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP91002 Datasheet PDF - Texas Instruments

Part # LMP91002
Download  LMP91002 Click to download

File Size   664.6 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications

LMP91002 Datasheet (HTML) - Texas Instruments


LMP91002 Product details

1 Features
1• Typical Values, TA = 25°C
• Supply Voltage 2.7 V to 3.6 V
• Supply Current (Average Over Time) < 10 μA
• Cell Conditioning Current Up to 10 mA
• Reference Electrode Bias Current (85°C) 900-pA
(Maximum)
• Output Drive Current 750 μA
• Complete Potentiostat Circuit to Interface to Most
Not Biased Gas Sensors
• Low Bias Voltage Drift
• Programmable TIA Gain 2.75 kΩ to 350 kΩ
• I2C-Compatible Digital Interface
• Ambient Operating Temperature –40°C to 85°C
• Package 14-pin WSON
• Supported by Webench Sensor AFE Designer

2 Applications
• Gas Detectors
• Amperometric Applications
• Electrochemical Blood Glucose Meters

3 Description
The LMP91002 device is a programmable Analog
Front End (AFE) for use in micro-power electrochemical-sensing applications. It provides a
complete signal path solution between a not biased
gas sensor and a microcontroller generating an
output voltage proportional to the cell current.
The LMP91002’s programmability enables it support
not biased electro-chemical gas sensor with a single
design. The LMP91002 supports gas sensitivities over a range of 0.5 nA/ppm to 9500 nA/ppm. It also
allows for an easy conversion of current ranges from
5 μA to 750 μA full scale. The LMP91002’s
transimpedance amplifier (TIA) gain is programmable
through the I2C interface. The I2C interface can also be used for sensor diagnostics. The LMP91002 is
optimized for micro-power applications and operates
over a voltage range of 2.7 V to 3.6 V. The total
current consumption can be less than 10 μA. Further power savings are possible by switching off the TIA
amplifier and shorting the reference electrode to the working electrode with an internal switch.




Similar Part No. - LMP91002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
LMP91002 TI1-LMP91002 Datasheet
1Mb / 31P
Sensor AFE System
LMP91002SD TI1-LMP91002SD Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
LMP91002SD/NOPB TI1-LMP91002SD/NOPB Datasheet
1Mb / 31P
Sensor AFE System
LMP91002SDE TI1-LMP91002SDE Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
More results


Similar Description - LMP91002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
Configurable AFE for Low-Power Chemical Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com