Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91002 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP91002
Description  LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP91002 Datasheet HTML 2Page - Texas Instruments LMP91002 Datasheet HTML 3Page - Texas Instruments LMP91002 Datasheet HTML 4Page - Texas Instruments LMP91002 Datasheet HTML 5Page - Texas Instruments LMP91002 Datasheet HTML 6Page - Texas Instruments LMP91002 Datasheet HTML 7Page - Texas Instruments LMP91002 Datasheet HTML 8Page - Texas Instruments LMP91002 Datasheet HTML 9Page - Texas Instruments LMP91002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LMP91002
SNIS163B – APRIL 2012 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TA = 25°C, VS= (VDD – AGND), VS= 3.3 V and AGND = DGND = 0 V, VREF =
2.5 V, Internal Zero = 20% VREF.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
Transimpedance gain
5%
accuracy
Linearity
±0.05%
2.75
3.5
TIA_GAIN
7
7 programmable gain resistors
14
Programmable TIA gains
k
Ω
35
120
350
Maximum external gain resistor
350
20%
3 programmable percentages of VREF
50%
67%
Internal zero voltage
20%
TIA_ZV
3 programmable percentages of VDD
50%
67%
Internal zero voltage
±0.04%
accuracy
Load resistor
10
Ω
RL
Load accuracy
5%
Internal zero 20% VREF
80
110
Power supply rejection ratio
PSRR
2.7 V
≤ VDD ≤ 5.25 V
Internal zero 50% VREF
80
110
dB
at RE pin
Internal zero 67% VREF
80
110
EXTERNAL REFERENCE SPECIFICATION(7)
External voltage reference
1.5
VDD
V
range
VREF
Input impedance
10
M
Ω
(7)
In case of external reference connected, the noise of the reference has to be added.
6.6 I
2C Interface
Unless otherwise specified, all limits ensured for at TA = 25°C, VS= (VDD – AGND), 2.7 V <VS< 3.6 V and AGND = DGND = 0
V, VREF = 2.5 V.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VIH
Input High Voltage
At the temperature extremes
0.7*VDD
V
VIL
Input Low Voltage
At the temperature extremes
0.3*VDD
V
IOUT = 3 mA, at the temperature
VOL
Output Low Voltage
0.4
V
extremes
Hysteresis(4)
At the temperature extremes
0.1*VDD
V
CIN
Input Capacitance on all digital pins
At the temperature extremes
0.5
pF
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
This parameter is specified by design or characterization.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LMP91002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com