Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91002 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMP91002
Description  LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP91002 Datasheet HTML 12Page - Texas Instruments LMP91002 Datasheet HTML 13Page - Texas Instruments LMP91002 Datasheet HTML 14Page - Texas Instruments LMP91002 Datasheet HTML 15Page - Texas Instruments LMP91002 Datasheet HTML 16Page - Texas Instruments LMP91002 Datasheet HTML 17Page - Texas Instruments LMP91002 Datasheet HTML 18Page - Texas Instruments LMP91002 Datasheet HTML 19Page - Texas Instruments LMP91002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LMP91002
SNIS163B – APRIL 2012 – REVISED OCTOBER 2015
www.ti.com
7.6.5 MODECN Register (Offset = 12h)
Mode Control Register. The parameters in the mode register allow the configuration of the operation mode of the
LMP91002.
Figure 21. MODECN Register
7
6
5
4
3
2
1
0
FET_SHORT
Reserved
OP_MODE
Table 6. MODECN Register Field Descriptions
BIT
NAME
FUNCTION
Shorting FET feature
7
FET_SHORT
0h = Disabled (default)
1h = Enabled
6-3
RESERVED
RESERVED
Mode of Operation selection
000h = Deep Sleep (default)
2-0
OP_MODE
010h = Standby
011h = 3-lead amperometric cell
16
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LMP91002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com