Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91002 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP91002
Description  LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP91002 Datasheet HTML 9Page - Texas Instruments LMP91002 Datasheet HTML 10Page - Texas Instruments LMP91002 Datasheet HTML 11Page - Texas Instruments LMP91002 Datasheet HTML 12Page - Texas Instruments LMP91002 Datasheet HTML 13Page - Texas Instruments LMP91002 Datasheet HTML 14Page - Texas Instruments LMP91002 Datasheet HTML 15Page - Texas Instruments LMP91002 Datasheet HTML 16Page - Texas Instruments LMP91002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LMP91000
µC
SCL
SDA
GPIO 1
GPIO 2
GPIO 3
GPIO N
LMP91000
LMP91000
LMP91000
D7
D6
D5
D4
D3
D2
D1
D0
1
9
Ack
by
LMP91000
Start by
Master
No Ack
by
Master
SCL
SDA
Stop
by
Master
1
9
Frame 1
Serial Bus Address Byte
from Master
Frame 2
Data Byte from
Slave
R/W
A2
A0
A1
A3
A4
A5
A6
MENB
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
LMP91000
Start by
Master
R/W
Ack
by
LMP91000
Frame 1
Serial Bus Address Byte
from Master
Frame 2
Internal Address Register
Byte from Master
A2
A0
A1
A3
A4
A5
A6
SCL
SDA
Stop by
Master
MENB
LMP91002
www.ti.com
SNIS163B – APRIL 2012 – REVISED OCTOBER 2015
Programming (continued)
Figure 14. (b) Pointer Set Transaction
(c) Register read transaction
Figure 15. READ and WRITE Transaction
7.5.3 Connection of More Than One LMP91002 to the I2C Bus
The LMP91002 comes out with a unique and fixed I2C slave address. It is still possible to connect more than one
LMP91002 to an I2C bus and select each device using the MENB pin. The MENB simply enables/disables the
I2C communication of the LMP91002. When the MENB is at logic level low all the I2C communication is enabled,
it is disabled when MENB is at high logic level.
In a system based on a
μcontroller and more than one LMP91002 connected to the I2C bus, the I2C lines (SDA
and SCL) are shared, while the MENB of each LMP91002 is connected to a dedicate GPIO port of the
μcontroller.
The
μcontroller starts communication asserting one out of N MENB signals where N is the total number of
LMP91002s connected to the I2C bus. Only the enabled device will acknowledge the I2C commands. After
finishing communicating with this particular LMP91002, the microcontroller de-asserts the corresponding MENB
and repeats the procedure for other LMP91002s. Figure 16 shows the typical connection when more than one
LMP91002 is connected to the I2C bus.
Figure 16. More than one LMP91002 on I2C bus
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP91002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com