Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91002 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP91002
Description  LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91002 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP91002 Datasheet HTML 5Page - Texas Instruments LMP91002 Datasheet HTML 6Page - Texas Instruments LMP91002 Datasheet HTML 7Page - Texas Instruments LMP91002 Datasheet HTML 8Page - Texas Instruments LMP91002 Datasheet HTML 9Page - Texas Instruments LMP91002 Datasheet HTML 10Page - Texas Instruments LMP91002 Datasheet HTML 11Page - Texas Instruments LMP91002 Datasheet HTML 12Page - Texas Instruments LMP91002 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
10.6
10.8
11.0
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
0
1
2
3
4
5
6
7
8
9
10
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
TIME (s)
2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6
5.50
5.75
6.00
6.25
6.50
6.75
7.00
7.25
7.50
SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
-50
-25
0
25
50
75
100
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
10.6
10.8
11.0
TEMPERATURE (°C)
VDD = 2.7V
VDD = 3.3V
VDD = 5V
LMP91002
www.ti.com
SNIS163B – APRIL 2012 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C, VS= (VDD – AGND), 2.7 V <VS< 3.6 V and AGND = DGND = 0 V, VREF = 2.5 V.
Figure 8. Supply Current vs VDD (Standby Mode)
Figure 9. Supply Current vs Temperature (3-Lead
Amperometric Mode)
Figure 10. Supply Current vs VDD (3-Lead Amperometric
Figure 11. 0.1-Hz to 10-Hz Noise
Mode)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP91002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com