Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91002 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP91002
Description  LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91002 Datasheet(HTML) 1 Page - Texas Instruments

  LMP91002 Datasheet HTML 1Page - Texas Instruments LMP91002 Datasheet HTML 2Page - Texas Instruments LMP91002 Datasheet HTML 3Page - Texas Instruments LMP91002 Datasheet HTML 4Page - Texas Instruments LMP91002 Datasheet HTML 5Page - Texas Instruments LMP91002 Datasheet HTML 6Page - Texas Instruments LMP91002 Datasheet HTML 7Page - Texas Instruments LMP91002 Datasheet HTML 8Page - Texas Instruments LMP91002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
I2C INTERFACE
AND
CONTROL
REGISTERS
RE
VREF
VDD
AGND
CE
WE
VOUT
C1
SCL
VREF
DIVIDER
C2
SDA
RLoad
DIAGNOSTIC
MENB
DGND
A1
+
-
TIA
+
-
RTIA
CE
WE
RE
3-Lead
Electrochemical
Cell
MSP430
LMP91002
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMP91002
SNIS163B – APRIL 2012 – REVISED OCTOBER 2015
LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical
Sensing Applications
1 Features
3 Description
The LMP91002 device is a programmable Analog
1
•
Typical Values, TA = 25°C
Front
End
(AFE)
for
use
in
micro-power
•
Supply Voltage 2.7 V to 3.6 V
electrochemical-sensing applications. It provides a
•
Supply Current (Average Over Time) < 10 µA
complete signal path solution between a not biased
gas sensor and a microcontroller generating an
•
Cell Conditioning Current Up to 10 mA
output voltage proportional to the cell current.
•
Reference Electrode Bias Current (85°C) 900-pA
(Maximum)
The LMP91002’s programmability enables it support
not biased electro-chemical gas sensor with a single
•
Output Drive Current 750 µA
design. The LMP91002 supports gas sensitivities
•
Complete Potentiostat Circuit to Interface to Most
over a range of 0.5 nA/ppm to 9500 nA/ppm. It also
Not Biased Gas Sensors
allows for an easy conversion of current ranges from
•
Low Bias Voltage Drift
5
μA to 750 μA full scale. The LMP91002’s
transimpedance amplifier (TIA) gain is programmable
•
Programmable TIA Gain 2.75 k
Ω to 350 kΩ
through the I2C interface. The I2C interface can also
•
I2C-Compatible Digital Interface
be used for sensor diagnostics. The LMP91002 is
•
Ambient Operating Temperature –40°C to 85°C
optimized for micro-power applications and operates
over a voltage range of 2.7 V to 3.6 V. The total
•
Package 14-pin WSON
current consumption can be less than 10
μA. Further
•
Supported by Webench Sensor AFE Designer
power savings are possible by switching off the TIA
amplifier and shorting the reference electrode to the
2 Applications
working electrode with an internal switch.
•
Gas Detectors
Device Information(1)
•
Amperometric Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Electrochemical Blood Glucose Meters
LMP91002
WSON (14)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMP91002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
LMP91002 TI1-LMP91002 Datasheet
1Mb / 31P
Sensor AFE System
LMP91002SD TI1-LMP91002SD Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
LMP91002SD/NOPB TI1-LMP91002SD/NOPB Datasheet
1Mb / 31P
Sensor AFE System
LMP91002SDE TI1-LMP91002SDE Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
More results

Similar Description - LMP91002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
Configurable AFE for Low-Power Chemical Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com