Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG101 Datasheet (PDF) - Texas Instruments

LOG101 Datasheet PDF - Texas Instruments
Part # LOG101
Download  LOG101 Download
File Size   509.16 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision LOGARITHMIC AND LOG RATIO AMPLIFIER

LOG101 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOG101 Datasheet PDF - Texas Instruments

Part # LOG101
Download  LOG101 Click to download

File Size   509.16 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision LOGARITHMIC AND LOG RATIO AMPLIFIER

LOG101 Datasheet (HTML) - Texas Instruments


LOG101 Product details

FEATURES
EASY-TO-USE COMPLETE CORE FUNCTION
HIGH ACCURACY: 0.01% FSO Over 5 Decades
WIDE INPUT DYNAMIC RANGE:
Decades, 100pA to 3.5mA
LOW QUIESCENT CURRENT: 1mA
WIDE SUPPLY RANGE: ±4.5V to ±18V

APPLICATIONS
LOG, LOG RATIO COMPUTATION:
Communication, Analytical, Medical, Industrial,
Test, and General Instrumentation
PHOTODIODE SIGNAL COMPRESSION AMPS
ANALOG SIGNAL COMPRESSION IN FRONT
OF ANALOG-TO-DIGITAL (A/D) CONVERTERS

DESCRIPTION
The LOG101 is a versatile integrated circuit that computes
the logarithm or log ratio of an input current relative to a
reference current.
The LOG101 is tested over a wide dynamic range of input
signals. In log ratio applications, a signal current can come
from a photodiode, and a reference current from a resistor in
series with a precision external reference.
The output signal at VOUT is trimmed to 1V per decade of input
current allowing seven decades of input current dynamic
range.
Low DC offset voltage and temperature drift allow accurate
measurement of low-level signals over a wide environmental
temperature range. The LOG101 is specified over the temperature
range –5°C to +75°C, with operation over
–40°C to +85°C.




Similar Part No. - LOG101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101 TI-LOG101 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Burr-Brown (TI)
LOG101AID BURR-BROWN-LOG101AID Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG101AID BURR-BROWN-LOG101AID Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AID TI-LOG101AID Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
More results


Similar Description - LOG101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG102 TI-LOG102 Datasheet
247Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI-LOG104 Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Burr-Brown (TI)
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Burr-Brown (TI)
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG100 TI1-LOG100 Datasheet
118Kb / 11P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102 TI1-LOG102_16 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI1-LOG104_14 Datasheet
296Kb / 15P
LOGARITHMIC AND LOG RATIO AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com