Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG101 Datasheet(PDF) 7 Page - Texas Instruments

Part # LOG101
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG101 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LOG101 Datasheet HTML 3Page - Texas Instruments LOG101 Datasheet HTML 4Page - Texas Instruments LOG101 Datasheet HTML 5Page - Texas Instruments LOG101 Datasheet HTML 6Page - Texas Instruments LOG101 Datasheet HTML 7Page - Texas Instruments LOG101 Datasheet HTML 8Page - Texas Instruments LOG101 Datasheet HTML 9Page - Texas Instruments LOG101 Datasheet HTML 10Page - Texas Instruments LOG101 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
LOG101
7
SBOS242B
FIGURE 7. Precision Current Inverter/Current Source.
1.5k
Ω
Photodiode
10nA to 1mA
10nA to 1mA
+5V
+5V
1.5k
Ω
+3.3V
+3.3V
1/2 OPA2335
1/2 OPA2335
OPA2335
1
2
BSH203
TLV271 or
Back Bias
LOG101
Pin 1 or Pin 8
FIGURE 8. Precision Current Inverter/Current Source.
1.5k
Ω
+5V
+5V
1.5k
Ω
1.5k
Ω
100k
Ω
10nA to 1mA
LOG101
10nA to 1mA
100k
Ω
100k
Ω
+3.3V
+3.3V
1/2
OPA2335
1/2
OPA2335
Photodiode
Back Bias
Pin 1 or Pin 8
100k
Ω
VOLTAGE INPUTS
The LOG101 gives the best performance with current inputs.
Voltage inputs may be handled directly with series resistors,
but the dynamic input range is limited to approximately three
decades of input voltage by voltage noise and offsets. The
transfer function of Equation (13) applies to this configuration.
APPLICATION CIRCUITS
LOG RATIO
One of the more common uses of log ratio amplifiers is
to measure absorbance. A typical application is shown in
Figure 9.
Absorbance of the sample is A = log
λ
1´/ λ1
(3)
If D1 and D2 are matched A ∝ (1V) logI1/I2
(4)
DATA COMPRESSION
In many applications the compressive effects of the logarith-
mic transfer function are useful. For example, a LOG101
preceding a 12-bit Analog-to-Digital (A/D) converter can
produce the dynamic range equivalent to a 20-bit converter.
FIGURE 9. Absorbance Measurement.
I
2
I
1
8
1
5
6
3
V
OUT
4
V+
V–
C
C
LOG101
D
2
D
1
Sample
λ
1
λ
1´
λ
1
Light
Source
OPERATION ON SINGLE SUPPLY
Many applications do not have the dual supplies required to
operate the LOG101. Figure 10 shows the LOG101 config-
ured for operation with a single +5V supply.
8
1
3
6
4
5
1
2
35
4
–5V
1
µF
LOG101
1
µF
I
1
I
2
V
OUT
C
C
1
µF
TPS(1)
Single Supply +5V
NOTE: (1) TPS60402DBV negative charge pump.
FIGURE 10. Single +5V Power-Supply Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com