Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG101 Datasheet(PDF) 8 Page - Texas Instruments

Part # LOG101
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG101 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LOG101 Datasheet HTML 4Page - Texas Instruments LOG101 Datasheet HTML 5Page - Texas Instruments LOG101 Datasheet HTML 6Page - Texas Instruments LOG101 Datasheet HTML 7Page - Texas Instruments LOG101 Datasheet HTML 8Page - Texas Instruments LOG101 Datasheet HTML 9Page - Texas Instruments LOG101 Datasheet HTML 10Page - Texas Instruments LOG101 Datasheet HTML 11Page - Texas Instruments LOG101 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
LOG101
8
SBOS242B
A
2
A
1
I
1
Q
1
Q
2
V
OUT = (1V) • LOG
I
1
I
2
I
2
I
1
I
2
++
––
R
2
V
OUT
V
L
R
1
V
BE1
V
BE2
also
VV
RR
R
V
RR
R
nV
I
I
OUT
L
OUT
T
=
+
=
+
12
1
12
1
1
2
log
VV
I
I
OUT = () • log
1
1
2
Using the base-emitter voltage relationship of matched
bipolar transistors, the LOG101 establishes a logarith-
mic function of input current ratios. Beginning with the
base-emitter voltage defined as:
VV
I
I
where V
kT
q
BE
T
C
S
T
==
ln
:
k = Boltzman’s constant = 1.381 • 10–23
T = Absolute temperature in degrees Kelvin
q = Electron charge = 1.602 • 10–19 Coulombs
IC = Collector current
IS = Reverse saturation current
From the circuit in Figure 11, we see that:
VV
V
LBE
BE
=
12
–
Substituting (1) into (2) yields:
VV
I
I
V
I
I
LT
S
T
S
=
1
1
1
2
2
2
ln
–
ln
If the transistors are matched and isothermal and
VTI = VT2, then (3) becomes:
VV
I
I
I
I
VV
I
I
and
ce
xx
Vn V
I
I
LT
SS
LT
LT
=
=
=
=
1
12
1
2
10
1
2
23
ln
– ln
ln
sin
ln
. log
log
where n = 2.3
INSIDE THE LOG101
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(9)
(10)
(11)
FIGURE 11. Simplified Model of a Log Amplifier.
(8)
or
It should be noted that the temperature dependance
associated with VT = kT/q is internally compensated on
the LOG101 by making R1 a temperature sensitive resis-
tor with the required positive temperature coefficient.
DEFINITION OF TERMS
TRANSFER FUNCTION
The ideal transfer function is:
VOUT = 1V • log (I1/I2)
Figure 12 shows the graphical representation of the transfer
over valid operating range for the LOG101.
ACCURACY
Accuracy considerations for a log ratio amplifier are some-
what more complicated than for other amplifiers. This is
because the transfer function is nonlinear and has two
inputs, each of which can vary over a wide dynamic range.
The accuracy for any combination of inputs is determined
from the total error specification.
FIGURE 12. Transfer Function with Varying I2 and I1.
(5)
3.0
3.5
2.0
2.5
1.0
1.5
0.5
0.0
–3.0
–3.5
–2.0
–2.5
–1.0
–0.5
–1.5
1nA
10nA
100nA 1µ
A
10µ
A
100
µA
1mA
10mA
100pA
I 2 =
100pA
I 2 =
1nA
I 2 =
10
nA
I 2 =
100nA
I 2 =
1µ
A
I 2 =
10
µA
I 2 =
100
µA
I 2 =
1mA
I
1
V
OUT = (1V) • LOG (I1/I2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com