Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG101 Datasheet(PDF) 4 Page - Texas Instruments

Part # LOG101
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG101 Datasheet(HTML) 4 Page - Texas Instruments

  LOG101 Datasheet HTML 1Page - Texas Instruments LOG101 Datasheet HTML 2Page - Texas Instruments LOG101 Datasheet HTML 3Page - Texas Instruments LOG101 Datasheet HTML 4Page - Texas Instruments LOG101 Datasheet HTML 5Page - Texas Instruments LOG101 Datasheet HTML 6Page - Texas Instruments LOG101 Datasheet HTML 7Page - Texas Instruments LOG101 Datasheet HTML 8Page - Texas Instruments LOG101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
LOG101
4
SBOS242B
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±5V, and RL = 10kΩ, unless otherwise noted.
0
ONE CYCLE OF NORMALIZED TRANSFER FUNCTION
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
26
110
3
Current Ratio, I
1/I2
48
4.0
3.0
2.0
1.0
0.0
–1.0
–2.0
–3.0
–4.0
NORMALIZED TRANSFER FUNCTION
0.0001 0.001
0.01
0.1
1
10
100
1k
10k
Current Ratio, I
1/I2
V
OUT = 1V LOG (I1/I2)
3dB FREQUENCY RESPONSE
0.1
1M
100k
10k
1k
100
10
1
100
µA
100
µA
1mA
I
1 = 1mA
1
µA
1mA
to 10
µA
100nA
10nA
I
1 = 1nA
10nA
C C
= 1000pF
C C
= 1
µF
10µ
A to
1µ
A
C C
= 1
0p
F
1nA
100
µA
100pA
1nA
10nA
100nA
1
µA10µA 100µA1mA
I
2
1
µA
10
µA
100
µA
I
1 = 1nA
10nA
120
100
80
60
40
20
0
100pA 1nA
10nA 100nA
1
µA10µA 100µA 1mA 10mA
TOTAL ERROR vs INPUT CURRENT
Input Current (I
1 or I2)
+75
°C
+25
°C –5°C
5.8
4.8
3.8
2.8
1.8
0.8
–0.2
100pA 1nA
10nA 100nA 1
µA10µA 100µA 1mA 10mA
GAIN ERROR (I
2 = 1µA)
Input Current (I
1 or I2)
–5
°C to –40°C
+85
°C
+75
°C
+25
°C
MINIMUM VALUE OF COMPENSATION CAPACITOR
100M
10M
1M
100k
10k
1k
100
10
1
100pA
1nA
10nA 100nA
1
µA10µA 100µA 1mA 10mA
I
2
I
1 = 100pA
I
1 = 1nA
I
1 = 10nA
I
1 = 100nA
1
µA
I
1 = 10µA
100
µA
1mA
Select C
C for I1 min.
and I
2 max. Values
below 2pF may be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com