Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet (PDF) - Texas Instruments

LP3944 Datasheet PDF - Texas Instruments
Part # LP3944
Download  LP3944 Download
File Size   730.82 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3944 RGB/White/Blue 8-LED Fun Light Driver

LP3944 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3944 Datasheet PDF - Texas Instruments

Part # LP3944
Download  LP3944 Click to download

File Size   730.82 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3944 RGB/White/Blue 8-LED Fun Light Driver

LP3944 Datasheet (HTML) - Texas Instruments


LP3944 Product details

1FEATURES
2• Internal Power-on Reset
• Active Low Reset
• Internal Precision Oscillator
• Variable Dim Rates (from 6.25 ms to 1.6s; 160
Hz–0.625 Hz)

APPLICATIONS
• Customized Flashing LED Lights for Cellular
Phones
• Portable Applications
• Digital Cameras
• Indicator Lamps
• General Purpose I/O Expander
• Toys

KEY SPECIFICATIONS
• 8 LED Driver (Multiple Programmable
States—On, Off, Input, and Dimming at a
Specified Rate)
• 8 Open Drain Outputs Capable of Driving up to
25 mA per LED

DESCRIPTION
LP3944 is an integrated device capable of
independently driving 8 LEDs. This device also
contains an internal precision oscillator that provides
all the necessary timing required for driving each
LED. Two prescaler registers along with two PWM
registers provide a versatile duty cycle control. The
LP3944 contains the ability to dim LEDs in
SMBUS/I2C applications where it is required to cut down on bus traffic.
Traditionally, to dim LEDs using a serial shift register such as 74LS594/5 would require a large amount of
traffic to be on the serial bus. LP3944 instead
requires only the setup of the frequency and duty
cycle for each output pin. From then on, only a single
command from the host is required to turn each
individual open drain output ON, OFF, or to cycle a
programmed frequency and duty cycle. Maximum
output sink current is 25 mA per pin and 200 mA per
package. Any ports not used for controlling the LEDs
can be used for general purpose input/output
expansion.




Similar Part No. - LP3944

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
Texas Instruments
LP3944 TI1-LP3944 Datasheet
931Kb / 17P
RGB/White/Blue 8-LED Fun Light Driver
logo
National Semiconductor ...
LP3944ISQ NSC-LP3944ISQ Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
Texas Instruments
LP3944ISQ/NOPB TI1-LP3944ISQ/NOPB Datasheet
931Kb / 17P
RGB/White/Blue 8-LED Fun Light Driver
logo
National Semiconductor ...
LP3944ISQX NSC-LP3944ISQX Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
More results


Similar Description - LP3944

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3943 NSC-LP3943 Datasheet
264Kb / 13P
RGB/White/Blue 16-LED Fun Light Driver
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
LIGITEK electronics co....
LGXRGB-501H LIGITEK-LGXRGB-501H Datasheet
168Kb / 10P
RGB Power Light LED
logo
Integrated Silicon Solu...
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
3-CHANNEL FUN LED DRIVER
logo
Texas Instruments
LP3944 TI1-LP3944_14 Datasheet
931Kb / 17P
RGB/White/Blue 8-LED Fun Light Driver
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
RGB/White/Blue 16-LED Fun Light Driver
LP3943 TI1-LP3943_15 Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
logo
Integrated Silicon Solu...
IS31FL3191 ISSI-IS31FL3191 Datasheet
315Kb / 12P
1-CHANNEL FUN LED DRIVER
IS31FL3191-UTLS2-TR ISSI-IS31FL3191-UTLS2-TR Datasheet
319Kb / 15P
1-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
3-CHANNEL FUN LED DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com