Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3944
Description  LP3944 RGB/White/Blue 8-LED Fun Light Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3944 Datasheet(HTML) 4 Page - Texas Instruments

  LP3944 Datasheet HTML 1Page - Texas Instruments LP3944 Datasheet HTML 2Page - Texas Instruments LP3944 Datasheet HTML 3Page - Texas Instruments LP3944 Datasheet HTML 4Page - Texas Instruments LP3944 Datasheet HTML 5Page - Texas Instruments LP3944 Datasheet HTML 6Page - Texas Instruments LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LP3944
SNVS264A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
VDD
−0.5V to 6V
A0, A1, A2, SCL, SDA, RST
6V
(Collectively called digital pins)
Voltage on LED pins
VSS−0.5V to 6V
Junction Temperature
150°C
Storage Temperature
−65°C to 150°C
Power Dissipation(4)
1.76W
Human Body Model
2 kV
ESD(5)
Machine Model
150V
Charge Device Model
1 kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact Texas Instruments for availability and specifications.
(4)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formulaP =
(TJ—TA)/θJA,
where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal
resistance. The 1.76W rating appearing under Absolute Maximum Ratings results from substituting the Absolute Maximum junction
temperature, 150°C, for TJ, 85°C for TA, and 37°C/W for θJA. More power can be dissipated safely at ambient temperature below 85°C.
Less power can be dissipated safely at ambient temperatures above 85°C. The Absolute Maximum power dissipation can be increased
by 27 mW for each degree below 85°C, and it must be de-rated by 27 mW for each degree above 85°C. For Operating Ratings
maximum power dissipation, TJ = 125°C and TA = 85°C
(5)
The human-body model is 100 pF discharged through 1.5 k
Ω. The machine model is 0Ω in series with 220 pF.
Operating Ratings
(1) (2)
VDD
2.3V to 5.5V
Junction Temperature
−40°C to +125°C
Operating Ambient Temperature
−40°C to +85°C
Thermal Resistance (
θJA)
WQFN-24(3)
37°C/W
Power Dissipation
1.08W
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formulaP =
(TJ—TA)/θJA,
where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal
resistance. The 1.76W rating appearing under Absolute Maximum Ratings results from substituting the Absolute Maximum junction
temperature, 150°C, for TJ, 85°C for TA, and 37°C/W for θJA. More power can be dissipated safely at ambient temperature below 85°C.
Less power can be dissipated safely at ambient temperatures above 85°C. The Absolute Maximum power dissipation can be increased
by 27 mW for each degree below 85°C, and it must be de-rated by 27 mW for each degree above 85°C. For Operating Ratings
maximum power dissipation, TJ = 125°C and TA = 85°C
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com