Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3944
Description  LP3944 RGB/White/Blue 8-LED Fun Light Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3944 Datasheet(HTML) 5 Page - Texas Instruments

  LP3944 Datasheet HTML 1Page - Texas Instruments LP3944 Datasheet HTML 2Page - Texas Instruments LP3944 Datasheet HTML 3Page - Texas Instruments LP3944 Datasheet HTML 4Page - Texas Instruments LP3944 Datasheet HTML 5Page - Texas Instruments LP3944 Datasheet HTML 6Page - Texas Instruments LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LP3944
www.ti.com
SNVS264A – MAY 2004 – REVISED APRIL 2013
Electrical Characteristics
Unless otherwise noted, VDD = 5.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing
in boldface type apply over the entire junction temperature range for operation, TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
POWER SUPPLY
VDD
Supply Voltage
5
2.3
5.5
V
IQ
Supply Current
No Load
350
550
µA
Standby
2.0
5
ΔIQ
Additional Standby Current
VDD = 5.5V, every LED pin at
2
mA
4.3V
VPOR
Power-On Reset Voltage
1.8
1.96
V
tw
Reset Pulse Width
10
ns
LED
VIL
LOW Level Input Voltage
−0.5
0.8
V
VIH
HIGH Level Input Voltage
2.0
5.5
V
IOL
Low Level Output Current(2)
VOL = 0.4V, VDD = 2.3V
9
VOL = 0.4V, VDD = 3.0V
12
VOL = 0.4V, VDD = 5.0V
15
mA
VOL = 0.7V, VDD = 2.3V
15
VOL = 0.7V, VDD = 3.0V
20
VOL = 0.7V, VDD = 5.0V
25
ILEAK
Input Leakage Current
VDD = 3.6, VIN = 0V or VDD
−1
1
µA
CI/O
Input/Output Capacitance
See(3)
2.6
5
pF
ALL DIGITAL PINS (EXCEPT SCL AND SDA PINS)
VIL
LOW Level Input Voltage
−0.5
0.8
V
VIH
HIGH Level Input Voltage
2.0
5.5
V
ILEAK
Input Leakage Current
−1
1
µA
CIN
Input Capacitance
VIN = 0V
(3)
2.3
5
pF
I2C INTERFACE (SCL AND SDA PINS)
VIL
LOW Level Input Voltage
-0.5
0.3VDD
V
VIH
HIGH Level Input Voltage
0.7VDD
5.5
V
VOL
LOW Level Output Voltage
0
0.2VDD
V
IOL
LOW Level Output Current
VOL = 0.4V
6.5
3
mA
FCLK
Clock Frequency
See(3)
400
kHz
tHOLD
Hold Time Repeated START
See(3)
0.6
µs
Condition
tCLK-LP
CLK Low Period
See(3)
1.3
µs
tCLK-HP
CLK High Period
See(3)
0.6
µs
tSU
Set-Up Time Repeated START
See(3)
0.6
µs
Condition
tDATA-HOLD
Data Hold Time
See(3)
300
ns
tDATA-SU
Data Set-Up Time
See(3)
100
ns
tSU
Set-Up Time for STOP Condition
See(3)
0.6
µs
tTRANS
Maximum Pulse Width of Spikes
See(3)
that Must Be Suppressed by the
50
ns
Input Filter of Both DATA & CLK
Signals
(1)
Limits are ensured. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and
cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
(2)
Each LED pin should not exceed 25 mA and the package should not exceed a total of 200 mA.
(3)
Ensured by design.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com