Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3944
Description  LP3944 RGB/White/Blue 8-LED Fun Light Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3944 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3944 Datasheet HTML 6Page - Texas Instruments LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments LP3944 Datasheet HTML 10Page - Texas Instruments LP3944 Datasheet HTML 11Page - Texas Instruments LP3944 Datasheet HTML 12Page - Texas Instruments LP3944 Datasheet HTML 13Page - Texas Instruments LP3944 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LP3944
SNVS264A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Table 1. LP3944 Register Table(1)
Address (Hex)
Register Name
Read/Write
Register Function
0x00
Input 1
Read Only
LED0–7 Input Register
0x01
Register 1
Read Only
None
0x02
PSC0
R/W
Frequency Prescaler 0
0x03
PWM0
R/W
PWM Register 0
0x04
PSC1
R/W
Frequency Prescaler 1
0x05
PWM1
R/W
PWM Register 1
0x06
LS0
R/W
LED0–3 Selector
0x07
LS1
R/W
LED4–7 Selector
0x08
Register 8
R/W
None
0x09
Register 9
R/W
None
(1)
Note: Registers 1, 8 and 9 are empty and non-functional registers. Register 1 is read-only, with all bits hard-wired to zero. Registers 8
and 9 can be written and read, but the content does ot have any effect on the operation of the LP3944.
Binary Fomat for Input Registers (Read Only)—Address 0x00 and 0x01
Table 2. Address 0x00(1)
Bit #
7
6
5
4
3
2
1
0
Default value
X
X
X
X
X
X
X
X
LED7
LED6
LED5
LED4
LED3
LED2
LED1
LED0
(1)
X = don’t care
Binary Format for Frequency Prescaler and PWM Registers — Address 0x02 to 0x05
Table 3. Address 0x02 (PSC0)(1)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
(1)
PSC0 register is used to program the period of DIM0.
DIM0 = (PSC0+1)/160
The maximum period is 1.6s when PSC0 = 255.
Table 4. Address 0x03 (PWM0)(1)
Bit #
7
6
5
4
3
2
1
0
Default value
1
0
0
0
0
0
0
0
(1)
PWM0 register determines the duty cycle of DIM0. The LED outputs are LOW (LED on) when the count is less than the value in PWM0
and HIGH (LED off) when it is greater. If PWM0 is programmed with 0x00, LED output is always HIGH (LED off).
The duty cycle of DIM0 is: PWM0/256
Default value is 50% duty cycle.
Table 5. Address 0x04 (PSC1)(1)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
(1)
PSC1 register is used to program the period of DIM1.
DIM1 = (PSC1 + 1)/160
The maximum period is 1.6s when PSC1 = 255.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com