Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3944
Description  LP3944 RGB/White/Blue 8-LED Fun Light Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3944 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments LP3944 Datasheet HTML 10Page - Texas Instruments LP3944 Datasheet HTML 11Page - Texas Instruments LP3944 Datasheet HTML 12Page - Texas Instruments LP3944 Datasheet HTML 13Page - Texas Instruments LP3944 Datasheet HTML 14Page - Texas Instruments LP3944 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LP3944
www.ti.com
SNVS264A – MAY 2004 – REVISED APRIL 2013
Table 6. Address 0x05 (PWM1)(1)
Bit #
7
6
5
4
3
2
1
0
Default value
1
0
0
0
0
0
0
0
(1)
PWM1 register determines the duty cycle of DIM1. The LED outputs are LOW (LED on) when the count is less than the value in PWM1
and HIGH (LED off) when it is greater. If PWM1 is programmed with 0x00, LED output is always HIGH (LED off).
The duty cycle of DIM1 is: PWM1/256
Default value is 50% duty cycle.
Binary Format for Selector Registers — Address 0x06 to 0x07Table 7
Table 7. Address 0x06 (LS0)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
B1
B0
B1
B0
B1
B0
B1
B0
LED3
LED2
LED1
LED0
Table 8. Address 0x07 (LS1)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
B1
B0
B1
B0
B1
B0
B1
B0
LED7
LED6
LED5
LED4
Table 9. LED States With Respect To Values in "B1" and "B0"
B1
B0
Function
0
0
Output Hi-Z
(LED off)
0
1
Output LOW
(LED on)
1
0
Output dims
(DIM0 rate)
1
1
Output dims
(DIM1 rate)
Programming Example:
Dim LEDs 0 to 7 at 1 Hz at 25% duty cycle
1. Set PSC0 to achieve DIM0 of 1s
2. Set PWM0 duty cycle to 25%
3. Set PSC1 to achieve DIM1 of 0.2s
4. Set LEDs 0 to 7 to point to DIM0
Step
Description
Register Name
Set to (Hex)
1
Set DIM0 = 1s
PSC0
0x09F
1 = (PSC0 + 1)/160
PSC0 = 159
2
Set duty cycle to 25%
PWM0
0x40
Duty Cycle = PWM0/256
PWM0 = 64
3
Set DIM1 = 0.2s
PSC1
0x1F
0.2 = (PSC1 + 1)/160
PSC1 = 31
4
LEDs 0 to 7
LS0, LS1
LS0 = 0xAA
Output = DIM0
LS1 = 0xAA
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com