Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5522 Datasheet (PDF) - Texas Instruments

LP5522 Datasheet PDF - Texas Instruments
Part # LP5522
Download  LP5522 Download
File Size   359.61 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Programmable LED Driver

LP5522 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5522 Datasheet PDF - Texas Instruments

Part # LP5522
Download  LP5522 Click to download

File Size   359.61 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Programmable LED Driver

LP5522 Datasheet (HTML) - Texas Instruments


LP5522 Product details

1FEATURES
2• Programmable Blinking Sequence
– 1 to 3 Programmable Pulses
– 1 ms to 255 ms LED on Time
– 10 ms to 2500 ms LED Off Time
– Single or Continuous Run of Programmed
Blinking Sequence
• Constant Current High Side Output Driver
• Adjustable Current with External Resistor
• 0.2 μA Typical Shutdown Current
• Autonomous Operation without External Clock
• DSBGA-6 Package with 0.4 mm Pitch:
– 1.215 mm x 0.815 mm x 0.6 mm (LxWxH)

APPLICATIONS
• Indicator Lights
• Phone Cosmetics
• Toys

DESCRIPTION
The LP5522 is a simple single wire programmable
LED controller in six bump DSBGA package. It
provides constant current flow through high side
driver. Output current can be set from 1 mA to 20 mA
by using an external resistor on the ISET pin. If no
external resistor is used, output current is set to 5 mA default current. The LP5522 is controlled using only
one signal. The signal controls either directly the LED
driver or it launches previously programmed blinking
sequence.
The LP5522 works autonomously without a clock
signal from the master device. Very low LED driver
headroom voltage makes possible to use supply
voltages close to LED forward voltage. Current
consumption of the LP5522 is minimized when LED
is turned off and once controller is disabled all
supporting functions are also shut down. Very small
DSBGA package together with minimum number of
external components is a best fit for handheld
devices.




Similar Part No. - LP5522

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
Programmable LED Driver
logo
Texas Instruments
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
Programmable LED Driver
logo
National Semiconductor ...
LP5522TM NSC-LP5522TM Datasheet
255Kb / 14P
Programmable LED Driver
logo
Texas Instruments
LP5522TM/NOPB TI1-LP5522TM/NOPB Datasheet
797Kb / 17P
Programmable LED Driver
logo
National Semiconductor ...
LP5522TMX NSC-LP5522TMX Datasheet
255Kb / 14P
Programmable LED Driver
More results


Similar Description - LP5522

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612 Datasheet
450Kb / 13P
Programmable 300mA Camera Flash LED Driver
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
Programmable Three Channel LED Driver
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
Programmable LED Driver
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612_08 Datasheet
296Kb / 14P
Programmable 300mA Camera Flash LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
Programmable 9-Output LED Driver
LP55231 TI-LP55231 Datasheet
785Kb / 53P
LP55231 Programmable 9-Output LED Driver
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
Programmable LED Driver
logo
ON Semiconductor
CAT4003B ONSEMI-CAT4003B_12 Datasheet
178Kb / 12P
Constant Current Programmable LED Driver
January, 2012 ??Rev. 2
logo
Shanghai awinic technol...
AW9120 AWINIC-AW9120 Datasheet
1Mb / 33P
20 Programmable LED Driver
logo
LinkCom Manufacturing C...
INT050U142X1NS LINKCOM-INT050U142X1NS Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com