Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5522 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5522
Description  Programmable LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5522 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5522 Datasheet HTML 4Page - Texas Instruments LP5522 Datasheet HTML 5Page - Texas Instruments LP5522 Datasheet HTML 6Page - Texas Instruments LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments LP5522 Datasheet HTML 10Page - Texas Instruments LP5522 Datasheet HTML 11Page - Texas Instruments LP5522 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Command entering period
Blank period
Command execution
starts
CTRL
LED
Command entering period
Blank period
Command execution
starts
CTRL
LED
LP5522
SNVS488A – JUNE 2007 – REVISED MARCH 2013
www.ti.com
CONTROL INTERFACE OPERATIONAL DESCRIPTION
LP5522 has one digital control input, CTRL. Threshold levels of CTRL input are fixed to enable control from low
voltage controller. CTRL signal is used to control the mode of the circuit. A rising edge of the CTRL signal
activates the circuit and starts a command entering period. During the command entering period all rising edges
are counted. After command entering period there is a blank period when no rising edges are allowed. If CTRL is
left high after command entering period, the consequent command is performed right after the blank period.
Note that timing diagrams are not on scale!
If CTRL signal is low after command entering period, command execution starts when CTRL is pulled high. This
does not apply to Run command. With Run command CTRL must be high. Note that no rising edges are allowed
during blank period.
LED Controller Commands and Operation
There are four commands available for LP5522.
Command
Number of rising edges during command entering period
Run
One rising edge
Training start
Two rising edges
Training end
Three rising edges
Run once
Four rising edges
RUN COMMAND
One rising edge of CTRL signal within command entering period is interpreted as Run command. In programmed
mode blinking sequence is started right after Blank period and it is repeated as long as CTRL signal is kept high.
When CTRL signal is set low device goes into Standby mode.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP5522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com